Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8300 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
29
SECTION 5 RESET, INTERRUPTS AND SYSTEM CONFIGURATION
This section discusses basic reset and interrupt mechanisms and the various sources of reset and interrupts in the MPXY8300
Series. Some interrupt sources from peripheral modules are discussed in greater detail within other sections of this product
specification. This section gathers basic information about all reset and interrupt sources in one place for easy reference. A few
reset and interrupt sources, including the computer operating properly (COP) watchdog and real-time interrupt (RTI), are not part
of on-chip peripheral systems, but are part of the system control logic.
5.1
Features
Reset and interrupt features include:
•
Multiple sources of reset for flexible system configuration and reliable operation
•
Temperature sensor and temperature restart wake-up
•
Reset status register (SRS) to indicate source of most recent reset
•
Separate interrupt vectors for each module (reduces polling overhead)
5.2
MCU Reset
Resetting the MCU provides a way to start processing from a known set of initial conditions. During reset, most control and status
registers are forced to initial values and the program counter is loaded from the reset vector ($DFFE:$DFFF). On-chip peripheral
modules are disabled and any I/O pins are initially configured as general-purpose high-impedance inputs with any pull-up devices
disabled. The I bit in the condition code register (CCR) is set to block maskable interrupts so the user program has a chance to
initialize the stack pointer (SP) and system control settings. The SP is forced to $00FF at reset.
The device has seven sources for reset:
•
Power-on reset (POR)
•
Low-voltage detect (LVD)
•
Computer operating properly (COP) timer
•
Periodic hardware reset (PRST)
•
Illegal opcode detect
•
Illegal address detect
•
Background debug forced reset
Each of these sources has an associated bit in the system reset status register with the exception of the background debug forced
reset and the periodic hardware reset, PRST, that is indicated by the PRF bit in the PWUCS1 register.
5.3
Computer Operating Properly (COP) Watchdog
The COP watchdog is intended to force a system reset when the application software fails to execute as expected. To prevent a
system reset from the COP watchdog (when it is enabled), application software must reset the COP timer periodically. If the
application program gets lost and fails to reset the COP before it times out, a system reset is generated to force the system back
to a known starting point. The COP watchdog is enabled by the COPE bit in SOPT1 register. The COP timer is reset by writing
any value to the address of SRS. This write does not affect the data in the read-only SRS. Instead, the act of writing to this
address is decoded and sends a reset signal to the COP timer.
The time-out period can be selected by the COPCLKS and the COPT0:2 bits as shown in Table 5-1. The COPCLKS bit selects
either the LFO or the CPU bus clock as the clocking source and the COPT0:2 bits select the clock count required for a time-out.
The tolerances of these time-out periods is dependent on the selected clock source (LFO or HFO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com