Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1423DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1423DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1423DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1423DN Datasheet HTML 1Page - Monolithic Power Systems MP1423DN Datasheet HTML 2Page - Monolithic Power Systems MP1423DN Datasheet HTML 3Page - Monolithic Power Systems MP1423DN Datasheet HTML 4Page - Monolithic Power Systems MP1423DN Datasheet HTML 5Page - Monolithic Power Systems MP1423DN Datasheet HTML 6Page - Monolithic Power Systems MP1423DN Datasheet HTML 7Page - Monolithic Power Systems MP1423DN Datasheet HTML 8Page - Monolithic Power Systems MP1423DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1423
3A, 23V, 385KHz
Step-Down Converter
MP1423 Rev. 1.1
www.MonolithicPower.com
1
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP1423 is a step-down regulator with a
built in internal Power MOSFET. It achieves 3A
continuous output current over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current
limiting
and
thermal
shutdown.
Adjustable soft-start reduces the stress on the
input source at turn-on. In shutdown mode the
regulator draws 20µA of supply current.
The MP1423 requires a minimum number of
readily
available
external
components
to
complete a 3A step-down DC to DC converter
solution.
FEATURES
• 3A Output Current
• Programmable Soft-Start
• 110mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• Up to 94% Efficiency
• 20µA Shutdown Mode
• Fixed 385KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 6V to 23V Operating Input Range
• Output is Adjustable From 1.22V to 21V
• Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
INPUT
6V to 23V
OUTPUT
2.5V
3A
MP1423
BS
IN
FB
SW
SS
GND
COMP
EN
OPEN
OPEN =
AUTOMATIC
STARTUP
MP1423_TAC01
10nF
5.6nF
10nF
B330A
1
3
5
6
4
8
7
2
MP1423_EC01
Efficiency vs Load Current
100
90
80
70
60
50
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
LOAD CURRENT (A)
VOUT=5.0V
VIN = 10V
VOUT=2.5V
VOUT=3.3V


Similar Part No. - MP1423DN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MP1423-0-FH MSYSTEM-MP1423-0-FH Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FR MSYSTEM-MP1423-0-FR Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FT MSYSTEM-MP1423-0-FT Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FV MSYSTEM-MP1423-0-FV Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FX MSYSTEM-MP1423-0-FX Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
More results

Similar Description - MP1423DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1583 MPS-MP1583 Datasheet
335Kb / 13P
3A, 23V, 385KHz Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com