Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP2525 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BP2525
Description  High Power Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BP2525 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BP2525 Datasheet HTML 1Page - List of Unclassifed Manufacturers BP2525 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Performance Specifications:
Test
Reference
Conditions of Test
Requirement
Life
MIL-PRF-55342,
MIL-STD-202
Method 108A
70ºC, 2000h, rated power, 1.5h on, 0.5h off
± 0.5% + 0.01Ω
Thermal Shock
MIL-PRF-55342,
MIL-STD-202
Method 107G
Condition F-3, -65ºC/0.25h to 150ºC/0.25h, 100 cycles
± 0.1% + 0.01Ω
High Temperature Exposure
MIL-PRF-55342
150ºC, 100h
± 0.1% + 0.01Ω
Short Time Overload
MIL-PRF-55342
6.25x rated power, 5 sec.
± 0.1% + 0.01Ω
Moisture Resistance
MIL-PRF-55342,
MIL-STD-202
Method 106G
25/65/25/65/25/–10ºC, 90% to 98%RH, 10 cycles,
24h/cycle, with and without bias, bias = 1.5h on, 0.5h
off @ 1/10th rated power
± 0.1% + 0.01Ω
Resistance to Soldering Heat 1
MIL-PRF-55342,
MIL-STD-202
Method 210F
260ºC for 15 sec., over 220ºC for 60 sec., 3 cycles
± 0.1% + 0.01Ω
Solderability 2
MIL-PRF-55342,
MIL-STD-202
Method 208H
Precondition E: 150ºC dry bake for 16h,
Method 1 “Dip and Look Test”, 245ºC, 5 sec., Pb-free
(SnAgCu) Solder
Min 95%
coverage of
critical area
Board Flex
IEC 60115-1 /
JIS C 5202
Bend amount of 3mm, measurements during and after
bend
± 0.1% + 0.01Ω,
No mechanical
damage
Terminal Strength
MIL-PRF-55342
Force of 3kg for 30 sec.
No mechanical
damage
Notes:
1. Test conditions modified to represent the high temperature Pb-free reflow conditions and an extra cycle is added.
2. JESD22-B102D adds test conditions for Pb-free and is aligned with J-STD-002B referenced in MIL-STD-202 Method 208H.
JESD22-B102D procedure comes from EIA-638, “Surface Mount Solderability Test”.
Recommended Solder Pad Dimensions:
Dimensions (mm)
Size: Metric (Inch)
2512 (6332)
2525 (6363)
A
1.6
1.6
B
7.7
7.7
C
3.5
6.7
Notes on board construction and land design:
1. A multi-layer board with several ground or power planes significantly reduces thermal resistance.
2. Plated via holes around the power resistor further reduces thermal resistance.
3. Maximize land area beyond solder pad area in both width and length to further reduce thermal resistance.
4. Optimizing the thermal resistance of the board helps dissipate heat, enabling higher power handling and lower surface
temperatures.
Part Numbering: (Ex. BP2512S27R0J)
BP
2512
S
27R0
J
Product Designator
Size, Inch
TCR
Resistance Value
Tolerance
BP for BeO
CP for Alumina
Refer to table above
E = ± 25 ppm/C
H = ± 50 ppm/C
K = ± 100 ppm/C
S = ± 200 ppm/C
Ex. 27R0 = 27.0 Ω
F = ± 1%
G = ± 2%
J = ± 5%
Thin Film Technology Corp., 1980 Commerce Drive, North Mankato, MN 56003, (507) 625-8445
www.thin-film.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com