Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS412 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BS412
Description  Pyroelectric Infrared Radial Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS412 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BS412 Datasheet HTML 1Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 2Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 3Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 4Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 5Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 6Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 7Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 8Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SENSOR MANUAL
Page 4 of 9
www.nysenba.com
 Technical Data
1. Maximum Ratings
Characteristics
Symbol
Min. Value
Max. Value
Unit
Remarks
Supply Voltage
VDD
-0.3
3.6
V
Working
Temperature
TST
-20
85
℃
Max.current for pin
Into
-100
100
mA
Storage
Temperature
TST
-40
125
℃
2.Working Conditions (T=25°C, Vdd=3V,Except other requirements)
Characteristics
Symb
ol
Min.
Type
Max.
Unit
Remarks
Supply Voltage
VDD
2.0
3
3.3
V
IR=0.5mA
Working Current
IDD
9
9.5
11
μA
Sensitivity
VSENS
90
μA
Output REL
Output Low Current
IOL
10
mA
VOL<1V
Output High Current
IOH
-10
mA
VOL>(VDD-1V)
Lock time
TOL
2.3
s
On-time
TOH
2
3600
s
ONTIME
Input voltage
0
VDD
V
0V to ¼ VDD
Input Bias Current
-1
1
μA
Oscillator & Filter
Low pass filter cut-off
frequency
7
Hz
High pass filter cut-off
frequency
0.44
Hz
Oscillator frequency on Chip
FCLK
64
kHz
Interior Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com