Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB203D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EB203D
Description  EB SERIES TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB203D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EB203D Datasheet HTML 1Page - List of Unclassifed Manufacturers EB203D Datasheet HTML 2Page - List of Unclassifed Manufacturers EB203D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SY semiconductors
Shenzhen SY Semiconductors Co.,LTD.
EB SERIES TRANSISTORS
EB203D
●
FEATURES:①HIGH VOLTAGE CAPABILITY ②HIGH SPEED SWITCHING ③WIDE SOA
●
APPLICATION:①FLUORESCENT LAMP ②ELECTRONIC BALLAST
●
Absolute Maximum Ratings (Tc=25℃)
TO-92 NPN
PARAMETER
SYMBOL
VALUE
UN I T
Collector–Base Voltage
VCBO
600
V
Collector–Emitter Voltage
VCEO
400
V
Emitter –Base Voltage
VEBO
9
V
Collector Current
IC
1.2
A
Total Power Dissipation
PC
13
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-65-150
℃
●
Electronic Characteristics (Tc=25℃)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
MAX UN I T
Collector–Base Cutoff Current
ICBO
VCB=600v
100
µ
A
Collector–Emitter Cutoff Current
ICEO
VCE=400v
250
µ
A
Collector–Emitter Voltage
VCEO
IC=10mA IB=0
400
V
Emitter –Base Voltage
VEBO
IE=1mA IC=0
9
V
IC=0.5A IB=0.1A
0.5
V
Collector–Emitter Saturation
Voltage
Vcesat
IC=1A IB=0.5A
0.6
V
Base–Emitter Saturation Voltage
Vbesat
IC=0.5A IB=0.1A
1.2
V
VCE=5v IC=1mA
7
VCE=10v IC=0.1A
10
40
DC Current Gain
HFE
VCE=5v IC=1.2A
5
Storage Time
Ts
1.5
3.5
µ
S
Falling Time
Tf
VCC=5V
IC=0.25A
0.8
µ
S
Diode Forward Voltage
Vf
IF=1.0A
2.0
V
●
CLASSIFICATION OF HFE AND TS
HFE
10-15
15-20
20-25
25-30
TS
1.5-2.0
2.0-2.5
2.5-3.0
3.0-3.5
SY semiconductors
1/3


Similar Part No. - EB203D

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
VRLA Rechargeable Battery
EB20-12-B1 BB-BATTERY-EB20-12-B1 Datasheet
186Kb / 1P
VRLA Rechargeable Battery
EB20-12FR BB-BATTERY-EB20-12FR Datasheet
203Kb / 1P
VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12_15 Datasheet
186Kb / 1P
VRLA Rechargeable Battery
logo
Filtronic Compound Semi...
EB200P70-AJ FILTRONIC-EB200P70-AJ Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
More results

Similar Description - EB203D

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBA03C ADAM-TECH-EBA03C Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
logo
Panasonic Semiconductor
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
Aluminum Electrolytic Capacitors/ EB
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
Aluminum Electrolytic Capacitors/ EB
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
logo
PHOENIX CONTACT
2715953 PHOENIX-2715953 Datasheet
70Kb / 2P
EB 80- DIK RD
2716774 PHOENIX-2716774 Datasheet
82Kb / 2P
EB 10- DIK RD
3009338 PHOENIX-3009338 Datasheet
56Kb / 2P
EB 80-12
3026036 PHOENIX-3026036 Datasheet
69Kb / 2P
EB 3-OTTA 6
3026081 PHOENIX-3026081 Datasheet
71Kb / 2P
EB 4-OTTA 2,5
logo
List of Unclassifed Man...
E3150 ETC-E3150 Datasheet
220Kb / 2P
EB SERIES TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com