Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED060SC7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ED060SC7
Description  TECHNICAL SPECIFICATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ED060SC7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ED060SC7 Datasheet HTML 1Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 2Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 3Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 4Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 5Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 6Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 7Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 8Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
E Ink Holdings Inc.
ED060SC7
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:4
1. Application
The display is a TFT active matrix electrophoretic display, with associated interface and control logic,
and a reference system design.
The 6” active area contains 600 x 800 pixels, the display is capable to display images at 2-16 gray
levels (1-4 bits) depending on the display controller and the associated waveform file used.
2. Features
High contrast TFT electrophoretic
600 x 800 display
High reflectance
Ultra wide viewing angle
Ultra low power consumption
Pure reflective mode
Bi-stable
Commercial temperature range
Landscape, portrait mode
Antiglare hard-coated front-surface
3. Mechanical Specifications
Parameter
Specifications
Unit
Remark
Screen Size
6.0 (3:4 diagonal)
Inch
Display Resolution
600 (H)×800(V)
Pixel
Active Area
90.6 (H)×122.4 (V)
mm
Pixel Pitch
0.151 (H)×0.153 (V)
mm
Pixel Configuration
Rectangle
Outline Dimension
101.8(W)×138.4(H)×1.18(D) (panel area height)
mm
Module Weight
34±3.4
g
P-511-608(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com