Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1142 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1142
Description  800mA Voltage-Scaling Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1142 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1142 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics1
L = 2.2µH, CIN = COUT = 10µF, VIN = 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
Step-Down Converter
VIN
Input Voltage
2.7
5.5
V
VIN Rising
2.7
V
VUVLO
UVLO Threshold
Hysteresis
250
mV
VIN Falling
2.0
V
VOUT
Output Voltage Tolerance
IOUT = 0mA to 800mA,
-3.0
3.0
%
VIN = 2.7V to 5.5V
VOUT
VOUT Programmable Range
0.6
2.0
V
VSLEW
Output Voltage Programming
COUT = 10µF
10
mV/µs
Slew Rate
IQ
Quiescent Current
No Load
35
70
µA
ISHDN
Shutdown Current
EN/SET = AGND = PGND
1.0
µA
ILIM
P-Channel Current Limit
1.0
A
RDS(ON)H
High Side Switch On Resistance
0.29
Ω
RDS(ON)L
Low Side Switch On Resistance
0.24
Ω
ILXLEAK
LX Leakage Current
VIN = 5.5V, VLX = 0V to VIN
1µA
ΔVOUT/
Line Regulation
VIN = 2.7V to 5.5V
0.2
%/V
VOUT*ΔVIN
ROUT
Output Impedance
250
k
Ω
TS
Start-Up Time
From Enable to Output Regulation
100
µs
FOSC
Oscillator Frequency
2.2
MHz
FSYNC
SYNC Frequency Range
1.0
3.0
MHz
TSD
Over-Temperature Shutdown
140
°C
Threshold
THYS
Over-Temperature Shutdown
15
°C
Hysteresis
AAT1142
800mA Voltage-Scaling Step-Down Converter
4
1142.2006.07.1.0
1. The AAT1142 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com