Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP3102 Datasheet(PDF) 4 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3102
Description  High Precision PSR Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3102 Datasheet(HTML) 4 Page - Bright Power Semiconductor Co., Ltd.

  BP3102 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 9Page - Bright Power Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BP3102
High Precision PSR Constant Current LED Driver
BP3102_DS_Rev.1.0
www.bpsemi.com
4
Bright Power Semiconductor Co. Confidential – Customer Use Only
Electrical Characteristics(Notes 4,5) (Unless otherwise specified, VCC=12V and TA =25 ℃)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage Section
VCC-th
Turn on threshold voltage
VCC rising
13
14
15
V
VUVLO
Turn of threshold voltage
6.5
V
VOVP
VCC over voltage
protection level
16
V
VCC_clamp
Zener diode clamped
voltage
ICC=10mA
19
V
Current Sense Section
VCS-th
Threshold voltage for
peak current limit
490
500
510
mV
TLEB
Leading edge blanking
time for current sense
500
nS
TDELAY
Switch off debounce time
200
nS
Operation Current Section
IST
Start up current
VCC= VCC-th- 1V
25
50
uA
IOP
Operating current
FOP=40kHz
1.5
mA
Feedback Section
VFB
FB voltage sense level
1
V
TDemag_Min
Minimum
demagnetization time
4
uS
ΔVCS/ΔIFBUP
Line compensation ratio
(note 6)
1.1
mV/uA
Maximum Duty Cycle
DMAX
Maximum duty cycle
42
%
Over Temperature Protection
TSD
Thermal shutdown
threshold
150
℃
TSD-HYS
Thermal shutdown
hysteresis
20
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com