Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCM1602B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LCM1602B
Description  LCM1602B
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LCM1602B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LCM1602B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Standard
Unit
Absolute Maximum Rating
Electronical characteristics
Item
Symbol Condition
Standard
Unit
Min
Typ
Max
Input voltage
VDD
Supply current
IDD
Recommended
LCD driving voltage
for normal temp
version module
VDD-V0
LED forward voltage
VF
LED forward current
IF
EL power supply
current
IEL
Unit
Item
Symbol
Standard
Min
Typ
Max
Power supply
VDD-VSS
Input voltage
VI
-0.3
--------
5.5
-0.3
--------
VDD
V
Module dimension
84.0x44.0
mm
Character size
3.00x5.23
mm
Dot size
0.56x0.61
mm
Viewing area
64.5x16.4
mm
+5V
4.7
5.0
5.5
V
70ºC
4.1
4.2
4.3
50ºC
4.2
4.3
4.5
25ºC
4.3
4.5
4.7
V
0 ºC
4.6
4.8
5.0
-20ºC
4.8
5.0
5.3
VDD=5V ------
1.5
4
mA
+3.3V
2.7
3.3
5.3
V
25ºC
------
4.2
5..0
V
25ºC
------
120
-----
mA
-----
-------
------
mA
VEL=110V
AC 400Hz
Pin connections
LCM1602B
PIN NO Symbol
15
A
14
DB7
13
DB6
12
DB5
11
DB4
10
DB3
9
DB2
8
DB1
7
DB0
6
E
5
R/W
4
RS
3
V0
2
VDD
1
VSS
16
K
LCD module thinkness
T1
T2
UNIT
Without or EL backlight
With LED bottom backlight
8.6
mm
mm
4.6
9.5
mm
Block diagram:
Feature
1
. 2-line x16 characters display; 5x8 dots with cursor
2. Built-in controller (KS0066U or Equivalent)
3. +5V power supply(Also available for +3.3V)
4. 1/16 duty cycle;1/5bias;
5. TN, HTN, STN or FSTN mode
6. BKL to be driven by pin1,pin2,or pin15,pin16,or A,K
With edge LED backlight
13.5
Mechanical thinkness
Mechanical data
Display character address code
Display position
1 2 3 4 5 --- --- --- --- 14 15 16
DDRAM address 00 01 02 --- --- --- --- ---
0EH 0FH
DDRAM address 40 41 42 --- --- --- --- ---
4EH 4FH
14
1
16
15
10.15
P2.54*15=38.1
64.5(V.A)
71.2±0.2
55.73(A.A)
79.0±0.2
84.0±0.5
T1
T2
1.6
42.0
0.56
3.00
3.51
0.05
4-Ø2.5
8.6
13.5
LONGTECH DISPLAY
SEG
AND
DRIVER
DRIVER
LCD
LCD PANEL
COM
LCD
SEG
RS
VSS
VDD
V0
R/W
E
DB0-DB7
CONTROLLER
LED BKL
A
K


Similar Part No. - LCM1602B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCM1602C ETC2-LCM1602C Datasheet
68Kb / 1P
Ground for Logic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com