Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR96S Datasheet(PDF) 1 Page - Motorola, Inc

Part # BFR96S
Description  The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BFR96S Datasheet(HTML) 1 Page - Motorola, Inc

  BFR96S Datasheet HTML 1Page - Motorola, Inc BFR96S Datasheet HTML 2Page - Motorola, Inc BFR96S Datasheet HTML 3Page - Motorola, Inc BFR96S Datasheet HTML 4Page - Motorola, Inc BFR96S Datasheet HTML 5Page - Motorola, Inc BFR96S Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
BFR96
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
High-Frequency Transistor
The BFR96 transistor uses the same state–of–the–art microwave transistor
chip which features fine–line geometry, ion–implanted arsenic emitters and gold
top metallization. This transistor is intended for low–to–medium power amplifiers
requiring high gain, low noise figure, and low intermodulation distortion. The
BFR96 is particularly suitable for broadband MATV/CATV amplifiers.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
15
Vdc
Collector–Base Voltage
VCBO
20
Vdc
Emitter–Base Voltage
VEBO
3.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TC = 100°C (1)
Derate above TC = 100°C
PD
0.5
10
Watts
mW/
°C
Storage Temperature
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
15
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
20
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 100 µAdc, IC = 0)
V(BR)EBO
3.0
—
—
Vdc
Collector Cutoff Current
(VCB = 10 Vdc, IE = 0)
ICBO
—
—
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 50 mAdc, VCE = 10 Vdc)
hFE
30
—
200
—
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
fT
—
4.5
—
GHz
Collector–Base Capacitance
(VCB = 10 Vdc, Emitter Guarded)
Ccb
—
1.2
1.5
pF
NOTE:
(continued)
1. Case temperature measured on collector lead immediately adjacent to body of package.
Order this document
by BFR96/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BFR96
fT = 4.5 GHz @ 50 mA
HIGH–FREQUENCY
TRANSISTOR
NPN SILICON
CASE 317A–01, STYLE 2
© Motorola, Inc. 1994


Similar Part No. - BFR96S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR96 MICROSEMI-BFR96 Datasheet
171Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
List of Unclassifed Man...
BFR96 ETC1-BFR96 Datasheet
13Kb / 1P
N-P-N bipolar silicon RF transistor in plastic package SOT-37
logo
Advanced Power Technolo...
BFR96 ADPOW-BFR96 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR96G ADPOW-BFR96G Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - BFR96S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR930L MOTOROLA-MMBR930L Datasheet
46Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
The Rf Line NPN Silicon High-Frequency Transistor
logo
List of Unclassifed Man...
BFR91 ETC1-BFR91 Datasheet
50Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587_17 Datasheet
859Kb / 13P
The RF Line NPN Silicon High Frequency Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com