Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1207 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1207
Description  Time Key
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1207 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1207 Datasheet HTML 1Page - Dallas Semiconductor DS1207 Datasheet HTML 2Page - Dallas Semiconductor DS1207 Datasheet HTML 3Page - Dallas Semiconductor DS1207 Datasheet HTML 4Page - Dallas Semiconductor DS1207 Datasheet HTML 5Page - Dallas Semiconductor DS1207 Datasheet HTML 6Page - Dallas Semiconductor DS1207 Datasheet HTML 7Page - Dallas Semiconductor DS1207 Datasheet HTML 8Page - Dallas Semiconductor DS1207 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS1207
TimeKey
DS1207
021798 1/17
FEATURES
• Cannot be deciphered by reverse engineering
• Time allotment from one day to 512 days for trial
periods, rentals, and leasing
• Partitioned memory thwarts pirating
• User-insertable packaging allows personal
possession
• Exclusive blank keys on request
• Appropriate identification can be made with a 64-bit
reprogrammable memory
• Unreadable 64-bit match code virtually prevents
discovery by exhaustive search with over 1019
possibilities
• Random data generation on incorrect match codes
obscures real accesses
• 384 bits of secure read/write memory create
additional barriers by permitting data changes as
often as needed
• Rapid erasure of identification, security match code
and secure read/write memory can occur if tampering
is detected
• Durable and rugged
• Applications include software authorization, gray
market software protection, proprietary data, financial
transactions, secure personnel areas, and system
access control
PIN ASSIGNMENT
1.0 IN
SIDE
DS1207
TimeKey
DALLAS
BOTTOM: PIN VIEW
15
See Mech. Drawings Section
PIN DESCRIPTION
Pin 1
NC
No connection
Pin 2
RST
Reset
Pin 3
DQ
Data input/output
Pin 4
CLK
Clock
Pin 5
GND
Ground
DESCRIPTION
The DS1207 TimeKey is a miniature security system
that stores 64 bits of user-definable identification code
and a 64-bit security match code that protects 384 bits of
read/write nonvolatile memory. The 64-bit identification
code and the security match code are programmed into
the TimeKey via a special program mode operation. Af-
ter programming, the TimeKey follows a procedure with
a serial format to retrieve or update data. The TimeKey
is set to expire from one day to 512 days or infinity, as
specified by the customer. The TimeKey starts its count-
down from the first access by the end user.
Interface cost to a microprocessor is minimized by
on-chip circuitry that permits data transfer with only
three signals: Clock (CLK), Reset (RST) and Data Input/
Output (DQ). Low pin count and a guided entry for a
mating receptacle overcome mechanical problems nor-
mally encountered with conventional integrated circuit
packaging, making the device transportable and
user-insertable.


Similar Part No. - DS1207

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS120 LUMILEDS-DS120 Datasheet
2Mb / 17P
Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
logo
Bridgelux, Inc.
DS120 BRIDGELUX-DS120 Datasheet
2Mb / 37P
Vero® SE 10 Array
07/2023
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
More results

Similar Description - DS1207

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
logo
Holtek Semiconductor In...
BS801C HOLTEK-BS801C Datasheet
181Kb / 21P
Touch Key
December 2, 2009
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
6-Key Capacitive Touch Key Controller
logo
PHOENIX CONTACT
2891521 PHOENIX-2891521 Datasheet
46Kb / 2P
Key - FL PATCH GUARD KEY
logo
Wurth Elektronik GmbH &...
74271 WURTH-74271 Datasheet
142Kb / 2P
Safety Key
005.006
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com