Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC200U Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC200U
Description  Quectel EC200U Series IoT/M2M-optimized LTE Cat 1 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC200U Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EC200U Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC200U Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EC200U Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright © 2021 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
Quectel EC200U Series
LTE Cat 1
EC200U-CN
EC200U-EU
Region/Operator
China
EMEA
Dimensions (mm)
28.0 × 31.0 × 2.4
28.0 × 31.0 × 2.4
Temperature Range
Operating Temperature
-35 °C to +75 °C
-35 °C to +75 °C
Extended Temperature
-40 °C to +85 °C
-40 °C to +85 °C
Frequency Bands
LTE-FDD
B1/B3/B5/B8
B1/B3/B5/B7/B8/B20/B28
LTE-TDD
B34/B38/B39/B40/B41
B38/B40/B41
GSM
B3/B8
B2/B3/B5/B8
GNSS
GPS/BeiDou
GPS/BeiDou/Galileo/GLONASS
BLE
Bluetooth 4.2 (BR/EDR)
Bluetooth 4.2 (BR/EDR)
Wi-Fi
2.4 GHz 11b (RX)
2.4 GHz 11b (RX)
Bandwidth
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
Certifications
Regulatory
China: SRRC/ NAL/ CCC
Europe: CE*
Australia/New Zealand: RCM*
Carrier
China: China Mobile/ China Unicom/ China Telecom*
Max. Data Rate
LTE-FDD (Mbps)
10 (DL)/ 5 (UL)
10 (DL)/ 5( UL)
LTE-TDD (Mbps)
8.96 (DL)/ 3.1 (UL)
8.96 (DL)/ 3.1 (UL)
GSM (kbps)
85.6 (DL)/ 85.6 (UL)
85.6 (DL)/ 85.6 (UL)
Interfaces
(U)SIM
× 1
× 1
UART
× 3
× 3
USB 2.0
× 1
× 1
Audio Digital (PCM)
× 1
× 1
Audio Analog (Input)
× 1
× 1
Audio Analog (Output)
× 1
× 1
ADC
× 3
× 3
SPI
× 1
× 1
SD Card
× 1
× 1
RESET
× 1
× 1
PWERKEY
× 1
× 1
I2C
× 2
× 2
LCD
× 1
× 1
Camera
× 1 (QuecOpen®)
× 1 (QuecOpen®)
Matrix Keyboard
× 1
(4 × 4)
× 1
(4 × 4)
Wi-Fi Scan/Bluetooth Antenna
× 1
× 1
GNSS Antenna
× 1
× 1
Main Antenna
× 1
× 1
Enhanced Features
FOTA
●
●
BLE (Bluetooth 4.2)
○
○
Wi-Fi Scan
○
○
GNSS
○
○
Audio Playback/ Audio Recording
●
●
QuecLocator®
●
●
QuecPython®
●
●
QuecFile®
●
●
(U)SIM Card Detection
●
●
Notes:
1. * :means under development/planning.
2. ●:Supported.
3. ○: Optional.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com