Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG11 Datasheet(PDF) 97 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 97 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 93Page - Silicon Laboratories EFM32GG11 Datasheet HTML 94Page - Silicon Laboratories EFM32GG11 Datasheet HTML 95Page - Silicon Laboratories EFM32GG11 Datasheet HTML 96Page - Silicon Laboratories EFM32GG11 Datasheet HTML 97Page - Silicon Laboratories EFM32GG11 Datasheet HTML 98Page - Silicon Laboratories EFM32GG11 Datasheet HTML 99Page - Silicon Laboratories EFM32GG11 Datasheet HTML 100Page - Silicon Laboratories EFM32GG11 Datasheet HTML 101Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 261 page
background image
SDIO MMC SDR Mode Timing at 1.8 V
Timing is specified at 1.62 V IOVDD with voltage scaling disabled. Slew rate for SD_CLK set to 7, all other GPIO set to 6, DRIVES-
TRENGTH = STRONG for all pins. SDIO_CTRL_TXDLYMUXSEL = 1. Loading between 5 and 10 pF, between 10 and 20 pF, or be-
tween 20 and 30 pF on all pins.
Table 4.56. SDIO MMC SDR Mode Timing (Location 0, 1.62 V I/O)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Clock frequency during data
transfer
FSD_CLK
Using HFRCO, AUXHFRCO, or
USHFRCO
—
—
26
MHz
Using HFXO
—
—
26
MHz
Clock low time
tWL
Using HFRCO, AUXHFRCO, or
USHFRCO
17.3
—
—
ns
Using HFXO
14.9
—
—
ns
Clock high time
tWH
Using HFRCO, AUXHFRCO, or
USHFRCO
17.3
—
—
ns
Using HFXO
14.9
—
—
ns
Clock rise time
tR
1.1
—
6.6
ns
Input setup time, CMD,
DAT[0:7] valid to SD_CLK
tISU
5.1
—
—
ns
Input hold time, SD_CLK to
CMD, DAT[0:7] change
tIH
2.5
—
—
ns
Output delay time, SD_CLK
to CMD, DAT[0:7] valid
tODLY
—
—
17.7
ns
Output hold time, SD_CLK to
CMD, DAT[0:7] change
tOH
3
—
—
ns
Table 4.57. SDIO MMC SDR Mode Timing (Location 1, 1.62 V I/O)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Clock frequency during data
transfer
FSD_CLK
Using HFRCO, AUXHFRCO, or
USHFRCO
—
—
23
MHz
Using HFXO
—
—
23
MHz
Clock low time
tWL
Using HFRCO, AUXHFRCO, or
USHFRCO
19.6
—
—
ns
Using HFXO
16.9
—
—
ns
Clock high time
tWH
Using HFRCO, AUXHFRCO, or
USHFRCO
19.6
—
—
ns
Using HFXO
16.9
—
—
ns
Clock rise time
tR
1.1
—
6.6
ns
Input setup time, CMD,
DAT[0:7] valid to SD_CLK
tISU
6.1
—
—
ns
Input hold time, SD_CLK to
CMD, DAT[0:7] change
tIH
2.5
—
—
ns
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com