Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP2525F Datasheet(PDF) 10 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2525F
Description  Quasi-Resonant PSR CC/CV PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP2525F Datasheet(HTML) 10 Page - Shenzhen Developer Microelectronics Co., Ltd

Back Button DP2525F Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 10Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 11Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DP2525F
Quasi-Resonant PSR CC/CV PWM Power Switch
www.depuw.com
Rev.1.1
10-/11
drive current ranges from 12mA to 35mA (typical),
and is dynamically controlled according to the
power supply load change. The higher the output
power, the higher the based current. Specifically,
the base current is related to CS peak voltage, as
shown in Fig.6
Fig.6
Short Load Protection (SLP)
In DP2525F, the output is sampled on FB pin and
then compared with a threshold of UVP (0.65V
typically) after an internal blanking time (10ms
typical).
In DP2525F, when sensed FB voltage is below
0.6V, the IC will enter into Short Load Protection
(SLP) mode, in which the IC will enter into auto
recovery protection mode.
VDD Over Voltage Protection (OVP) and
Zener Clamp
When VDD voltage is higher than 26.5V (typical),
the IC will stop switching. This will cause VDD fall
down to be lower than VDD_OFF (typical 6.5V) and
then the system will restart up again. An internal
28V (typical) zener clamp is integrated to prevent
the IC from damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com