Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2822 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD2822
Description  1W x 2 Dual Audio Power Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2822 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD2822 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
双 极电路
CD2822ACB/ACP
版本:
2006-11-A
无 锡华润 矽科 微电子 有限 公司
4 页 共 8 页
4. 2、桥式应用测试线路
5、特性曲线
+
+
-
-
A1
A2
1
2
3
4
5
6
7
8
Vcc
0.1uF
4.7
0.1uF
4.7
IN
10k
10uF
RL
C2
10uF
10nF
C3
C4
C5
R1
R2
R3
+
C1
-50
0
50
100
150
环境温度--Tamb(℃)
0
1
2
3
4
P --Tamb
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com