Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIT3267S Datasheet(PDF) 4 Page - Beyond Innovation Technology Co., Ltd.

Part # BIT3267S
Description  High Performance PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITEK [Beyond Innovation Technology Co., Ltd.]
Direct Link  https://www.bitek.com.tw/
Logo BITEK - Beyond Innovation Technology Co., Ltd.

BIT3267S Datasheet(HTML) 4 Page - Beyond Innovation Technology Co., Ltd.

  BIT3267S Datasheet HTML 1Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 2Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 3Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 4Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 5Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 6Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 7Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 8Page - Beyond Innovation Technology Co., Ltd. BIT3267S Datasheet HTML 9Page - Beyond Innovation Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BIT3267S
Pin description:
Functional Description:
Current mode control and slope compensation
For the Boost converter operation, peak current mode controls
power switch according inductor current. It detects the rising
inductorcurrent and turns off power switch when the inductor
current reaches the control level. In addition, BIT3267S built-in
slope compensation is used to avoid sub-harmonic oscillation
when the duty cycle is larger than 50% for the peak current
operation. Some advantages of current mode control is fast
response on line and load regulation, it is also easily been
compensated for stability requirement.
UVLO
hysteresis
Control point
t
t
Frequency selection
In the initial state, BIT3267S frequency can be selectable by
an external resistor connected in OCP pin. Please refer R1 as
following figure and selection table for frequency selection.
Frequency
≤ 1KQ
110KHz
22K
Q
220KHz
Pin No.
Symbol
Descriptions
1
OUT
Output pin
2
GND
Ground pin
3
OCP
Over Current Protection and Frequency Selection
4
OVP
Over Voltage Protection
5
INN
The inverting input of the error amplifier
6
CMP
Output of the error amplifier
7
EN_DIM
Enable and PWM Dimming input
8
VDD
Power supply
Under Voltage Locked Out, UVLO:
To avoid the abnormal condition happened when the input
voltage drops to low voltage, it is needed to set a low voltage
operation point. Please refer following figure, when the input
voltage is below the low voltage operation point, the under
voltage lockout (UVLO) function will turn-off its output and
most of its internal functions. The recovery hysteresis voltage
is about 1V.
Leading edge blanking and current limit
For the turn on of power switch, please refer following figure,
the current spike will be happened in the rising edge. The
leading edge blanking (LEB) time was built-in the pin of OCP
to prevent the false-trigger from the current spike. In addition,
BIT3267S limits the maximum current flowing through the
external MOSFET.
7
EN_DIM
6
CMP
5
INN
8
1
VDD
OUT
OCP
3
Switch control signal
GND
2
Rosc1
ROSC1
Switch current
OVP
4
BIT3267S
t



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com