Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F803 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 56F803_V01 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
56F803 Technical Data, Rev. 16
40
Freescale Semiconductor
Figure 3-21 SPI Slave Timing (CPHA = 1)
3.9 Quad Timer Timing
Table 3-13 Timer Timing1, 2
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
Characteristic
Symbol
Min
Max
Unit
Timer input period
PIN
4T+6
—
ns
Timer input high/low period
PINHL
2T+3
—
ns
Timer output period
POUT
2T
—
ns
SCLK (CPOL = 0)
(Input)
SCLK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
Slave MSB out
Bits 14–1
MSB in
Bits 14–1
LSB in
SS
(Input)
Slave LSB out
tC
tCL
tDV
tA
tELD
tR
tF
tELG
tCH
tCL
tCH
tF
tDS
tDV
tDI
tDH
tD
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com