Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL702/704/706 Datasheet(PDF) 15 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Datasheet(HTML) 15 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
BL702/704/706 Datasheet
2.10.1 GPIO
BL702 includes 15 GPIOs, BL704 includes 23 GPIOs, BL706 includes 31 GPIOs, and each GPIO can be used as a
general-purpose input and output function. The pull-up/pull-down/floating can be configured by software. Each GPIO
supports interrupt function, interrupt supports rising edge trigger, falling edge trigger, high level trigger and low level
trigger.
Each GPIO can be set to a high impedance state for power saving in low power consumption mode.
2.10.2 UART
Built-in 2 UARTs (UART0 and UART1), and support LIN master/slave function. The working clock of the UART
module can be selected as FCLK or 96M, and the maximum baud rate is 8M. Support hardware CTS and RTS signal
management. TX and RX have independent FIFOs with a FIFO depth of 128 bytes and support DMA functions.
2.10.3 SPI
One SPI interface, which can be configured as master mode or slave mode, and the SPI module clock is BCLK. As
a master, the maximum SPI Clock can reach 36MHz. As a slave, the maximum SPI Clcok of the master is 24MHz.
The bit width of each frame can be configured as 8 bits/16 bits/24 bits/32 bits.
The transmission and reception of SPI has independent FIFO, and the FIFO depth is fixed to 4 frames (that is, if the
bit width of the frame is 8 bits, the depth of the FIFO is 4 bytes), and the DMA function is supported.
2.10.4 I2C
One I2C interface, support host mode and 7 bit addressing, I2C module clock is BCLK, support standard and fast
mode. With device address register, register address register, the length of the register address can be configured
as 1 byte/2 bytes/3 bytes/4 bytes.
The I2C transceiver has an independent FIFO, the FIFO depth is 2 words, and it supports DMA function.
2.10.5 I2S
One I2S interface, support Left-justified/Right-justified/DSP and other data formats, support 8/16/24/32 bit data width,
in addition to mono/dual-channel mode, support four-channel mode at the same time.
The I2S transceiver has an independent FIFO, and the FIFO depth is 16 frames. When the data width is 16 bits,
the FIFO depth can be set to 32 frames. The I2S module has an independent Audio PLL, and supports two types of
sampling rates of 48K (and its integer frequency division) and 44.1K (and its integer frequency division).
BL702/704/706 Datasheet
15/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com