Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL704 Datasheet(PDF) 35 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL704
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL704 Datasheet(HTML) 35 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL704 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 32Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 33Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 34Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 35Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 36Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 37Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 38Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 39Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
BL702/704/706 Datasheet
7.2 Electro-Static discharge(ESD)
• Human Body Model(HBM): 2000V
• Charged-Device Model(CDM): 500V
7.3 Reflow Profile
For details, please refer to IPC/JEDEC J-STD-020E.
Fig. 7.1: Classification Profile (Not to scale)
BL702/704/706 Datasheet
35/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com