Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1117P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FR1117P
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR1117P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FR1117P Datasheet HTML 1Page - First Silicon Co., Ltd FR1117P Datasheet HTML 2Page - First Silicon Co., Ltd FR1117P Datasheet HTML 3Page - First Silicon Co., Ltd FR1117P Datasheet HTML 4Page - First Silicon Co., Ltd FR1117P Datasheet HTML 5Page - First Silicon Co., Ltd FR1117P Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LOW DROP FIXED AND ADJUSTABLE
POSITIVE VOLTAGE REGULATOR
The FR1117Series is a Low Drop Voltage Regulator able
to provide up to 1A of output current, available even in adjustable
version (Vref=1.25V)
FEATURES
Low Dropout Voltage : 1.2V/Typ. (Iout=1.0A)
Very Low Quiescent Current : 4.2 ㎃/Typ.
Output Current up to 1A
Fixed Output Voltage of 1.2V, 1.25V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
Adjustable Version Availability : Vref=1.25V
Internal Current and Thermal Limit
Only 10 ㎌for stability
Available in ±2% (at 25℃ ) and 4% in full Temperature range
High Ripple Rejection : 80dB/Typ
Temperature Range (Tj) : -40℃ ~ 125℃ ( for FR1117X-1.2 :0℃ ~ 125℃)
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
FR1117P/S/D/F-AD
Adjustable
S : SOT-223
D : D-PAK
P : TO-220
FR1117P/S/D/F-1.5
1.5
FR1117P/S/D/F-1.8
1.8
FR1117P/S/D/F-2.5
2.5
FR1117P/S/D/F-3.3
3.3
FR1117P/S/D/F-5.0
5.0
MAXIMUM RATINGS (Ta=25
˚C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
15
V
Output Current
IOUT
1.0
A
Operating Temperature
Topr(Tj)
-40 ~ 125
Storage Temperature
Tstg
-55 ~ 150
2012. 07. 20
1/6
SEMI
CONDUCTOR
TE
CHNICAL DATA
FR1117P/S/D/F-AD~
FR1117P/S/D/F-5.0
Revision No : 7
℃
℃
_
6.5 0 2
_
_
_
A
L
K
G
J
H
D
F
E
B
C
0.26 0.09/-0.02
10 MAX
0.1 MAX
1.75 0.25
3.0 0.15/-0.1
2.3 TYP
7 0.3
0.7 0.15/-0.1
1.8 MAX
3.5 0.2
DIM
MILLIMETERS
H
E
B
J
F
F
G
K
L
C
D
A
1
2
3
SOT-223
D-PAK (TO-252)
TO-220
DIM
MILLIMETERS
A
B
C
D
E
F
H
J
N
O
0.8 ± 0.1
2.7 ± 0.2
2.54 ± 0.2
13.5 ± 0.3
3.7 ± 0.2
10.3 ± 0.2
4.5 ± 0.2
2.7 ± 0.2
15.30 MAX
1.3 0.1/-0.05
0.4 ± 0.2
A
F
B
J
E
O
C
H
N
N
D
P
P
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6.50 ± 0.2
5.60 ± 0.2
5.20 ± 0.2
1.50 ± 0.2
2.70 ± 0.2
2.30 ± 0.1
1.00 MAX
2.30 ± 0.2
0.5 ± 0.1
0.50 ± 0.10
E
1.6 ± 0.2
O
A
C
I
J
H
F
F
L
1
2
3
0.95 MAX
Q
1. COMMON (ADJ)
2. OUTPUT
3. INPUT
1. COMMON (ADJ)
2. OUTPUT
3. INPUT
1. COMMON (ADJ)
2. OUTPUT
3. INPUT
1
2
3
FR1117P/S/D/F-1.2
1.2
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45 0.15/-0.10
4.5 MAX
1.50 0.10
0.40 TYP
1.8 MAX
0.7 MIN
0.5 0.10/-0.05
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
_
_
F : SOT-89
1. COMMON (ADJ)
2. OUTPUT
3. INPUT
Thermal Resistance
(Rthj-c)
Note1.
S
D
P
15
8
℃/W
3
℃/W
℃/W
F
100
℃/W
Note1 : Devices mounted on FR-4 substrate, single sided PC board,
2oz copper, with 5mm x 5mm thermal pad layout, no air flow. The case point of θJC is located on the thermal tab.


Similar Part No. - FR1117P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR1111C ETC1-FR1111C Datasheet
160Kb / 2P
F_1111C Series Ultra Compact AllnGaP SMT LED
logo
STANLEY ELECTRIC CO.,LT...
FR1111C STANLEY-FR1111C Datasheet
374Kb / 20P
Single Color High Brightness Type
FR1111C-0105 STANLEY-FR1111C-0105 Datasheet
432Kb / 24P
Single Color Low Current Type
FR1111C-0105 STANLEY-FR1111C-0105 Datasheet
465Kb / 24P
Single Color Low Current Type (IF=5mA)
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
Single Color High Brightness Type
More results

Similar Description - FR1117P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Oct-2002
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2003
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Jul-2002
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
5A Low drop positive voltage regulator adjustable and fixed
30-May-2007
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com