Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R307 Datasheet(PDF) 6 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 6 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 2Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 3Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 4Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 5Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 6Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 7Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
- 4 -
www.hzgrow.com
III System Resources
To address demands of different customer, Module system provides abundant resources at user’s
use.
Notepad
512-byte memory is set aside in flash for User’s notepad. The notepad is
divided into 16 pages logically, 32 bytes per page. The host can access any page by
instruction GR_WriteNotepad or GR_ReadNotepad.
Note: when written, the whole page is taken as a whole and its former contents will
be replaced.
Buffer
There are an image buffer and two 512-byte-character-file buffer within the RAM space of the
module. Users can read & write any of the buffers by instructions.
Note: Contents of the above buffers will be lost at power-off.
Image buffer
ImageBuffer serves for image storage and the image format is 256*288 pixels, form is BMP.
When transferring through UART, to quicken speed, only the upper 4 bits of the pixel is transferred
(that is 16 grey degrees). And two adjacent pixels of the same row will form a byte before the
transferring. When uploaded to PC, the 16-grey-degree image will be extended to 256-grey-degree
format. That’s 8-bit BMP format.
When transferring through USB, the image is 8-bit pixel, that’s 256 grey degrees.
Character file buffer
Character file buffer, CharBuffer1, CharBuffer2, can be used to store both character file and
template file.
Fingerprint Library
Synstem sets aside a certain space within Flash for fingerprint template storage, that’s fingerprint
library. Contents of the library remain at power off.
Capacity of the library changes with the capacity of Flash, system will recognize the latter
automatically. Fingerprint template’s storage in Flash is in sequential order. Assume the fingerprint
capacity N, then the serial number of template in library is 0, 1, 2, 3 … N. User can only access
library by template number.
System Confiuration Parameter
To facilitate user’s developing, Module opens part system parameters for use. And the basic
instructions are SetSysPara & ReadSysPara. Both instructions take Parameter Number as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com