Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7535 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7535
Description  Green-Mode PWM Controller with Integrated Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7535 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7535 Datasheet HTML 6Page - Leadtrend Technology LD7535 Datasheet HTML 7Page - Leadtrend Technology LD7535 Datasheet HTML 8Page - Leadtrend Technology LD7535 Datasheet HTML 9Page - Leadtrend Technology LD7535 Datasheet HTML 10Page - Leadtrend Technology LD7535 Datasheet HTML 11Page - Leadtrend Technology LD7535 Datasheet HTML 12Page - Leadtrend Technology LD7535 Datasheet HTML 13Page - Leadtrend Technology LD7535 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LD7535/LD7535A
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7535&LD7535A-DS-01c December 2007
Fig. 15
A 350nS leading-edge blanking (LEB) time is included in the
input of CS pin to prevent the false-trigger from the current
spike. In the low power application, if the total pulse width of
the turn-on spikes is less than 350nS and the negative spike
on the CS pin doesn’t exceed -0.3V, it could eliminated the
R-C filter (as shown in the figure16).
However, the total pulse width of the turn-on spike is
decided by the output power, circuit design and PCB layout.
It is strongly recommended to adopt a smaller R-C filter (as
shown in figure 17) for higher power application to avoid the
CS pin being damaged by the negative turn-on spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 300mA
driving capability, is incorporated to drive a power MOSFET
directly. And the maximum duty-cycle of LD7535/LD7535A
is limited to 75% to avoid the transformer saturation.
Oscillator and Switching Frequency
Connect a resistor from RT pin to GND according to the
equation below to program the normal switching frequency:
)
KHz
(
100
RT
0
.
65
f
)
K
(
SW
×
=
Ω
The operating frequency range for the LD7535/LD7535A is
recommended to set between 50KHz and 130KHz.
Fig. 16
Fig. 17
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the COMP
pin of the LD7535/LD7535A.
Similar to UC3842, the
LD7535/LD7535A would carry 2 diodes voltage offset at the
stage to feed the voltage divider at the ratio of 1/3, that is,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com