Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7537 Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7537
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7537 Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7537 Datasheet HTML 8Page - Leadtrend Technology LD7537 Datasheet HTML 9Page - Leadtrend Technology LD7537 Datasheet HTML 10Page - Leadtrend Technology LD7537 Datasheet HTML 11Page - Leadtrend Technology LD7537 Datasheet HTML 12Page - Leadtrend Technology LD7537 Datasheet HTML 13Page - Leadtrend Technology LD7537 Datasheet HTML 14Page - Leadtrend Technology LD7537 Datasheet HTML 15Page - Leadtrend Technology LD7537 Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LD7537
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7537-DS-01a December 2011
Brownout Protection
The LD7537 programmable to set the brownout protection
point though BNO pin. The voltage across the BNO pin is
proportional to the bulk capacitor voltage, referred as the
line voltage. A brownout comparator is implemented to
detect the abnormal line condition. As soon as the
condition is detected, it will shut down the controller to
prevent the damage. Figure 20 shows the operation.
When VBNO falls below 0.80V, the gate output will be
kept off even Vcc has already achieved UVLO(ON). It
therefore makes Vcc hiccup between UVLO(ON) and
UVLO(OFF). Unless the line voltage is large enough to
pull VBNO larger than 1.05V, the gate output will not start
switching even when the next UVLO(ON) is tripped. A
hysteresis is implemented to prevent the false trigger
during turn-on and turn-off. Figure 20 shows the circuit.
Fig. 20
Oscillator and Switching Frequency
The LD537 is implemented with Frequency Swapping
function which helps the power supply designers to both
optimize EMI performance and lower system cost. The
switching frequency substantially centers at 65KHz, and
swap between a range of ±4KHz.
Green-Mode Operation
By using the green-mode control, the switching frequency
can be reduced under the light load condition. This feature
helps to improve the efficiency in light load conditions.
The green-mode control is Leadtrend Technology’s own
property.
Fault Protection
There are several critical protections integrated in the
LD7537 to prevent from damage to the power supply.
Those damages usually come from open or short
conditions on the pins of LD7537.
In case under such conditions listed below, the gate
output will turn off immediately to protect the power circuit.
1.
CS pin floating
2.
COMP pin floating
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com