Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3129 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3129 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical Characteristics
V
IL vs. VIN
Input Voltage (V)
550
600
650
700
750
800
850
900
950
1000
1050
2.7
3.0
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
-40
°C
+25
°C
+85
°C
V
IH vs. VIN
Input Voltage (V)
550
600
650
700
750
800
850
900
950
1000
1050
2.7
3.0
3.3
3.5
3.8
4.1
4.4
4.7
4.9
5.2
5.5
-40
°C
+25
°C
+85
°C
Switch Resistance vs. Supply Voltage
Supply Voltage (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.7 2.9 3.1 3.3 3.5
3.7
3.9 4.1
4.3 4.5 4.7
4.9 5.1
5.3 5.5
+85
°C
+25
°C
-40
°C
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
8
3129.2007.01.1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com