Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3131 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3131
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3131 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3131 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AAT3131
High Efficiency 1X/1.5X Fractional
Charge Pump for White LED Applications
3131.2005.12.1.2
5
Typical Characteristics
Unless otherwise noted, V
IN = 3.5V, CIN = COUT = C1 = C2 = 1µF, TA = 25°C.
V
IH and VIL vs. VIN
0.600
0.625
0.650
0.675
0.700
0.725
0.750
0.775
0.800
0.825
0.850
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
VIH
VIL
Quiescent Current vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage (V)
VDIODE = 3.3V
VDIODE = 3.4V
VDIODE = 3.5V
VDIODE = 3.6V
I
DIODE vs. Input Voltage
(4x20mA)
40
45
50
55
60
65
70
75
80
85
90
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
Input Voltage (V)
VDIODE = 3.3V
VDIODE = 3.4V VDIODE = 3.5V
VDIODE = 3.6V
Efficiency vs. Input Voltage
(4x20mA)
50
55
60
65
70
75
80
85
90
95
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
Input Voltage (V)
VDIODE = 3.3V
VDIODE = 3.4V
VDIODE = 3.5V
VDIODE = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com