Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3141 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3141
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3141 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3141 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AAT3141
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3141.2007.03.1.3
5
Typical Characteristics
Unless otherwise noted, V
IN = 3.5V, CIN = CCP = C1 = C2 = 1µF, TA = 25°C.
Efficiency vs. Input Voltage
(D1 = 3.5V; D2 = 3.3V; D3 = 3.2V; D4 = 3.0V)
Input Voltage (V)
30
40
50
60
70
80
90
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
Code 32
Code 28
Code 26
Input Voltage (V)
30
40
50
60
70
80
90
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
Efficiency vs. Input Voltage
(Code 26)
3.5VF
3.0VF
Input Voltage (V)
30
40
50
60
70
80
90
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
Code 32
Code 28
Code 26
Efficiency vs. Input Voltage
(D1-D2 = 3.5V; D3-D4 = 3.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com