Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK3328 Datasheet(PDF) 40 Page - Rockchip Electronics Co., Ltd

Part # RK3328
Description  high-performance Quad-core application processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3328 Datasheet(HTML) 40 Page - Rockchip Electronics Co., Ltd

Back Button RK3328 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 44Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
RK3328 Datasheet
Rev 1.2
Copyright 2018 ©Fuzhou Rockchip Electronics Co., Ltd.
- 40 -
Parameters
Symbol
Min
Typ
Max
Unit
DDR IO
@DDR3 mode
Input High Voltage
Vih_ddr
VREF + 0.10
NA
DDR_VDD+0.
4
V
Input Low Voltage
Vil_ddr
-0.4
NA
VREF - 0.10
V
Output High Voltage
Voh_ddr
0.9xDDR_VDD
NA
N/A
V
Output Low Voltage
Vol_ddr
N/A
NA
0.1*DDR_VDD
V
Input termination
resistance(ODT) to
VDDIO_DDRi/2 (i=0~6)
Rtt
100
54
36
120
60
40
140
66
44
Ohm
DDR IO @
LPDDR3 mode
Input High Voltage
Vih_ddr
VREF + 0.13
NA
DDR_VDD
V
Input Low Voltage
Vil_ddr
0
NA
VREF - 0.13
V
Output High Voltage
Voh_ddr
NA
NA
0.9*DDR_VDD
V
Output Low Voltage
Vol_ddr
0.1*DDR_VDD
NA
NA
V
DDR IO
@DDR4 mode
Input High Voltage
Vihdq(DC)
Vref+0.10
TBD
V
Input Low Voltage
Vildq(DC)
TBD
Vref-0.10
V
Output High Voltage
Voh(DC)
-
-
0.9VDDQ
V
Output Low Voltage
Vol(DC)
(0.1+0.9Ron/(
Rtt+Ron))*VD
DQ
-
-
V
Parameters
Symbol
Min
Typ
Max
Unit
HDMI
Single-ended standby
voltage
Voff
avddtmds±10
mV
Single-ended output swing
voltage
RT=50Ω
Vswing
400
600
mV
Vswing_da
ta
400
600
mV
Vswing_clo
ck
400
600
mV
Single-ended output high
voltage
Vh
mV
avddtmds-400
avddtmds+1
0
mV
Vh_data
avddtmds-400
avddtmds+1
0
mV
Vh_clock
avddtmds-400
avddtmds+1
0
mV
Single-ended output low
voltage
Vl
mV
avddtmds-
1000
avddtmds-
400
mV
Vl_data
avddtmds-
1000
avddtmds-
400
mV
Vl_clock
avddtmds-
1000
avddtmds-
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com