Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK3568 Datasheet(PDF) 2 Page - Rockchip Electronics Co., Ltd

Part # RK3568
Description  A high-performanceand low power quad-core application processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3568 Datasheet(HTML) 2 Page - Rockchip Electronics Co., Ltd

  RK3568 Datasheet HTML 1Page - Rockchip Electronics Co., Ltd RK3568 Datasheet HTML 2Page - Rockchip Electronics Co., Ltd RK3568 Datasheet HTML 3Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright 2022 ©Rockchip Electronics CO., LTD.
www.rock-chips.com
•
•
•
•
•
•
System
RK3568
DMAC x2
Interrupt Controller
WDT
Secure Timer x2
Clock & Reset
Timer x6
SARADC x8
PLL x9
Crypto
PMU
TSADC
MCU
Mailbox
512KB L3-Cache with ECC
32KB L1 I-Cache
NOEN/FPU/Crypto
Core0
2D Graphics Engine
4K Video Decoder
GPU Mali-G52-2EE
IEP
JPEG Codec
Multi-Media Processor
1080p Video Encoder
8M ISP
Multi-Media Interface
VOP
(Three Display Port,
2HD for LCD/HDMI,
1SD for BT656 to CVBS)
16bits Camera I/F
MIPI-CSI_RX 4 Lane
Parallel RGB Interface
HDMI2.0a
E-Ink Interface
eDP1.3
Cortex-A55 Quad-Core
SDR/DDR/LBA Nand Flash
External Memory Interface
32Bit DDR Controller
(DDR3/DDR3L/DDR4 with ECC)
(LPDDR3/LPDDR4/LPDDR4X)
SD3.0/MMC4.51
eMMC 5.1
Nor Flash /Async SRAM
Connectivity
PCIe2.1 x1/SATA3.0 x3
/USB3 HOST x1/USB3
OTG x1/QSGMII x1,
Share 3 Serdes Lanes
USB2.0 HOSTx2
PCIe3.0 1x2/2x1 Lane
Embedded Memory
SRAM (64KB)
ROM (32KB)
OTP(8K bit)
SDIO 3.0
ISO7816
I2C x6
SPI x4
CAN x3
I2S/PCM(2ch) x2
I2S/TDM(8ch) x2, one
for HDMI
PDM(8ch)
Ethernet GMAC x2
(10/100/1000M)
UART x10
GPIO x152
SPDIF(8ch)
VAD
Audio PWM
Digital Acodec
Single LVDS/
Dual MIPI-DSI_TX
PWM x16
32KB L1 D-Cache with ECC
32KB L1 I-Cache
NOEN/FPU/Crypto
Core1
32KB L1 D-Cache with ECC
32KB L1 I-Cache
NOEN/FPU/Crypto
Core2
32KB L1 D-Cache with ECC
32KB L1 I-Cache
NOEN/FPU/Crypto
Core3
32KB L1 D-Cache with ECC
NPU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com