Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK816 Datasheet(PDF) 35 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 35 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 31Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 32Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 33Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 34Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
35
HEX
ADDRESS
FUNCTION DESCRIPTION
R/W
DEFAULT
C3
BAT_OCV_REGL
RO
0x00
C4
BAT_VOL_REGH
RO
0x00
C5
BAT_VOL_REGL
RO
0x00
C6
RELAX_ENTRY_THRES_REGH
RW
0x00
C7
RELAX_ENTRY_THRES_REGL
RW
0x60
C8
RELAX_EXIT_THRES_REGH
RW
0x00
C9
RELAX_EXIT_THRES_REGL
RW
0x60
CA
RELAX_VOL1_REGH
RO
0x00
CB
RELAX_VOL1_REGL
RO
0x00
CC
RELAX_VOL2_REGH
RO
0x00
CD
RELAX_VOL2_REGL
RO
0x00
CE
RELAX_CUR1_REGH
RO
0x00
CF
RELAX_CUR1_REGL
RO
0x00
D0
RELAX_CUR2_REGH
RO
0x00
D1
RELAX_CUR2_REGL
RO
0x00
D2
CAL_OFFSET_REGH
RW
0x7F
D3
CAL_OFFSET_REGL
RW
0xFF
D4
NON_ACT_TIMER_CNT_REG
RO
0x00
D5
VCALIB0_REGH
RO
0x00
D6
VCALIB0_REGL
RO
0x00
D7
VCALIB1_REGH
RO
0x00
D8
VCALIB1_REGL
RO
0x00
D9
FCC_GASCNT_REG3
RO
0x00
DA
FCC_GASCNT_REG2
RO
0x00
DB
FCC_GASCNT_REG1
RO
0x00
DC
FCC_GASCNT_REG0
RO
0x00
DD
IOFFSET_REGH
RO
0x00
DE
IOFFSET_REGL
RO
0x00
DF
SLEEP_CON_SAMP_CUR_REG
RW
0x60
DATA REGISTER
E0
DATA0_REG
RW
0x00
E1
DATA1_REG
RW
0x00
E2
DATA2_REG
RW
0x00
E3
DATA3_REG
RW
0x00
E4
DATA4_REG
RW
0x00
E5
DATA5_REG
RW
0x00
E6
DATA6_REG
RW
0x00
E7
DATA7_REG
RW
0x00
E8
DATA8_REG
RW
0x00
E9
DATA9_REG
RW
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com