Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV49 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZV49
Description  Voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV49 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZV49 Datasheet HTML 1Page - NXP Semiconductors BZV49 Datasheet HTML 2Page - NXP Semiconductors BZV49 Datasheet HTML 3Page - NXP Semiconductors BZV49 Datasheet HTML 4Page - NXP Semiconductors BZV49 Datasheet HTML 5Page - NXP Semiconductors BZV49 Datasheet HTML 6Page - NXP Semiconductors BZV49 Datasheet HTML 7Page - NXP Semiconductors BZV49 Datasheet HTML 8Page - NXP Semiconductors BZV49 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Per type
Tj =25 °C unless otherwise specified.
BZV49-
CXXX
WORKING
VOLTAGE
VZ (V)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (mV/K)
at IZtest
see Figs 4 and 5
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE
CURRENT at
REVERSE
VOLTAGE
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 µs;
Tamb =25 °C
IR (µA)
VR
(V)
MIN.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
MAX.
2V4
2.2
2.6
70
100
−3.5
−1.6
0
5
450
50
1.0
6.0
2V7
2.5
2.9
75
100
−3.5
−2.0
0
5
450
20
1.0
6.0
3V0
2.8
3.2
80
95
−3.5
−2.1
0
5
450
10
1.0
6.0
3V3
3.1
3.5
85
95
−3.5
−2.4
0
5
450
5
1.0
6.0
3V6
3.4
3.8
85
90
−3.5
−2.4
0
5
450
5
1.0
6.0
3V9
3.7
4.1
85
90
−3.5
−2.5
0
5
450
3
1.0
6.0
4V3
4.0
4.6
80
90
−3.5
−2.5
0
5
450
3
1.0
6.0
4V7
4.4
5.0
50
80
−3.5
−1.4 +0.2
5
300
3
2.0
6.0
5V1
4.8
5.4
40
60
−2.7
−0.8 +1.2
5
300
2
2.0
6.0
5V6
5.2
6.0
15
40
−2.0 +1.2 +2.5
5
300
1
2.0
6.0
6V2
5.8
6.6
6
10
0.4
2.3
3.7
5
200
3
4.0
6.0
6V8
6.4
7.2
6
15
1.2
3.0
4.5
5
200
2
4.0
6.0
7V5
7.0
7.9
6
15
2.5
4.0
5.3
5
150
1
5.0
4.0
8V2
7.7
8.7
6
15
3.2
4.6
6.2
5
150
0.7
5.0
4.0
9V1
8.5
9.6
6
15
3.8
5.5
7.0
5
150
0.5
6.0
3.0
10
9.4
10.6
8
20
4.5
6.4
8.0
5
90
0.2
7.0
3.0
11
10.4
11.6
10
20
5.4
7.4
9.0
5
85
0.1
8.0
2.5
12
11.4
12.7
10
25
6.0
8.4
10.0
5
85
0.1
8.0
2.5
13
12.4
14.1
10
30
7.0
9.4
11.0
5
80
0.1
8.0
2.5
15
13.8
15.6
10
30
9.2
11.4
13.0
5
75
0.05
10.5
2.0
16
15.3
17.1
10
40
10.4
12.4
14.0
5
75
0.05
11.2
1.5
18
16.8
19.1
10
45
12.4
14.4
16.0
5
70
0.05
12.6
1.5
20
18.8
21.2
15
55
14.4
16.4
18.0
5
60
0.05
14.0
1.5
22
20.8
23.3
20
55
16.4
18.4
20.0
5
60
0.05
15.4
1.25
24
22.8
25.6
25
70
18.4
20.4
22.0
5
55
0.05
16.8
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com