Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFIS Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # AFIS
Description  Wireless Snap Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

AFIS Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  AFIS Datasheet HTML 1Page - Cherry Semiconductor Corporation AFIS Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last updated 2015-04-29, Specifications subject to change without notice.
Wireless Snap Switch
AFIS Series
Energy Harvesting
Description
The AFIS wireless snap switch provides data transfer via RF technology, eliminating the need for complex wire assemblies and
increasing flexibility for use in previously inaccessible locations. The required energy is generated by mechanical actuation of the
switch, eliminating the need for batteries.
Flexible pairing allows the operation of several switches with one receiver and vice-versa, and the switch “Unique ID” provides clear
identification while operating several switches at once. Up to three telegrams are sent per actuation, with pseudo-random timing to
assure robust data transmission. A compatible receiver is available.
Features
Typical Applications
•
Small size, with high energy efficiency
•
868 MHz and 915 MHz frequency bands allow global use within
different applications
•
Long mechanical life
•
Building Automation
•
Industrial Automation
•
Smart Home
•
Lighting
Technical Specifications
Operating Temperature
-20 ⁰C to 60 ⁰C (4 ⁰F to 140 ⁰F)
Mechanical Life
Tested for up to 100,000 operations
Frequency Bands
868 MHz or 915 MHz
RF Distance (open area)
Up to 300 m (984’)
RF Distance (buildings)
Up to 30 m (98’)
Operating Force
15 N max
Operating Speed
0.03 to 0.25 m/s
Ingress Protection
IP40
Generator Specifications
Operating Temperature
-40 ⁰C to 85 ⁰C (-40 ⁰F to 185 ⁰F)
Mechanical Life
Up to 1,000,000 operations
Operating Force
13 N max
Energy Generated
0.33 mWs actuating and releasing
Switch Dimensions on Reverse
Products
Part Number
Description
AFIS-1002
868 MHz
AFIS-5002
915 MHz


Similar Part No. - AFIS

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
AFIS-5002 ZFSWITCHES-AFIS-5002 Datasheet
557Kb / 1P
Autarker Schnappschalter 915 MHz
AFIS-5003 ZFSWITCHES-AFIS-5003 Datasheet
549Kb / 1P
Autarker Wippschalter 915 MHz, Monostabil
More results

Similar Description - AFIS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
V-21-1C6 OMRON-V-21-1C6 Datasheet
1Mb / 16P
Snap Action Switch
V153C6K OMRON-V153C6K Datasheet
1Mb / 16P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
logo
Nihon Kaiheiki Industry...
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
Snap Switch Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
rfsolutions.ltd
SQUIDBOARD-868 RFSOLUTIONS-SQUIDBOARD-868 Datasheet
1Mb / 4P
Makes any switch wireless
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
Self-powered, Wireless Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com