Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK130 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK130
Description  ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK130 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK130 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
2
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Input Capacitance
Power Supply Rejection Ratio
Common Mode Rejection Ratio
Common Mode Range
Input Noise Voltage
OUTPUT
Output Voltage Swing
Output Current
Output Resistance
TRANSFER CHARACTERISTICS
Slew Rate Limit
Open Loop Voltage Gain
Settling Time to 0.1%
ELECTRICAL SPECIFICATIONS
Parameter
4
Units
V
mA
mV
µV/°C
pA
pA
Ω
pF
µV/V
dB
V
µVrms
V
mA
Ω
V/µS
dB
µS
Test Conditions
2
MSK 130
11
Supply Voltage (Total)
Output Current
Differential Input Voltage
Common Mode Input Voltage
Thermal Resistance
Junction to Case @ 125°C
(Output Devices)
400V
±300mA
±25V
±Vcc
21°C/W
TST
TLD
TJ
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
Case Operating Temperature Range
(MSK130)
VCC
IOUT
VIND
VINCM
RTH
1
2
3
4
±VCC=±100V, TC=25°C, RC=100Ω, CC=68pF unless otherwise specified.
Devices shall be capable of meeting the parameter, but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
Maximum supply voltage should be derated 0.625V/°C below 25°C case temperature.
Total +VCC to -VCC
VIN=0V
VIN=0V
VIN=0V
VCM=0V Either Input
VCM=0V
F=DC
Either Input
∆ VCC=±15V
F=DC VCM=±50V
Linear Operation
F=100KHz
IOUT=±50mA
Within SOA
f≤10KHz, No Load
AV=100v/v CC=0pF
F=15Hz CC=0pF
RL=1KΩ 2V step CC=10pF
-65°C to +150°C
220°C
150°C
-55°C to +125°C
2
Min.
20
-
-
-
-
-
-
-
-
80
±VCC-15
-
±91.5
±200
-
-
95
-
Typ.
-
±6
±0.5
±10
±10
10
10
4.0
±10
90
±VCC-13
1.5
±95
±250
50
300
110
1
Max.
400
±8
±2.0
±50
±200
50
-
-
±20
-
-
-
-
-
-
-
-
-
2
2
2
2
NOTES:
1
3
2
2
2
Rev. C 8/02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com