Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV85 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZV85
Description  Voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZV85 Datasheet HTML 1Page - NXP Semiconductors BZV85 Datasheet HTML 2Page - NXP Semiconductors BZV85 Datasheet HTML 3Page - NXP Semiconductors BZV85 Datasheet HTML 4Page - NXP Semiconductors BZV85 Datasheet HTML 5Page - NXP Semiconductors BZV85 Datasheet HTML 6Page - NXP Semiconductors BZV85 Datasheet HTML 7Page - NXP Semiconductors BZV85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 11
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV85 series
FEATURES
• Total power dissipation:
max. 1.3 W
• Tolerance series: approx. ±5%
• Working voltage range:
nom. 3.6 to 75 V (E24 range)
• Non-repetitive peak reverse power
dissipation: max. 60 W.
APPLICATIONS
• Stabilization purposes.
DESCRIPTION
Medium-power voltage regulator diodes in hermetically sealed leaded glass
SOD66 (DO-41) packages. The diodes are available in the normalized E24
approx.
±5% tolerance range. The series consists of 33 types with nominal
working voltages from 3.6 to 75 V (BZV85-C3V6 to BZV85-C75).
Fig.1 Simplified outline (SOD66; DO-41) and symbol.
The diodes are type branded.
handbook, halfpage
MAM241
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Device mounted on a printed circuit-board with 1 cm2 copper area per lead.
2. If the leads are kept at Ttp =55 °C at 4 mm from body.
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
−
500
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tj =25 °C prior to surge; see Fig.3
see Table
“Per type”
tp = 10 ms; half sinewave;
Tj =25 °C prior to surge
see Table
“Per type”
Ptot
total power dissipation
Tamb =25 °C; lead length 10 mm;
note 1
−
1W
note 2
−
1.3
W
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tj =25 °C prior to surge
−
60
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 50 mA; see Fig.4
1
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com