Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9293 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9293
Description  Small Package, High Performance, Asynchronies Boost for 10 WLED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9293 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9293 Datasheet HTML 5Page - Richtek Technology Corporation RT9293 Datasheet HTML 6Page - Richtek Technology Corporation RT9293 Datasheet HTML 7Page - Richtek Technology Corporation RT9293 Datasheet HTML 8Page - Richtek Technology Corporation RT9293 Datasheet HTML 9Page - Richtek Technology Corporation RT9293 Datasheet HTML 10Page - Richtek Technology Corporation RT9293 Datasheet HTML 11Page - Richtek Technology Corporation RT9293 Datasheet HTML 12Page - Richtek Technology Corporation RT9293 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9293
11
DS9293-01 April 2011
www.richtek.com
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9293 packages, the Figure 7 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 7. Derating Curves for RT9293 Packages
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ambient Temperature (
°C)
WDFN-8L 2x2
(
°C)
TSOT-23-6
Single Layer PCB
Layout Consideration
For best performance of the RT9293, the following
guidelines must be strictly followed.
}
Input and Output capacitors should be placed close to
the IC and connected to ground plane to reduce noise
coupling.
}
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
}
Keep the main current traces as possible as short and
wide.
}
LX node of DC-DC converter is with high frequency
voltage swing. It should be kept at a small area.
}
Place the feedback components as close as possible
to the IC and keep away from the noisy devices.
RSET
VIN
GND
WLEDs
The inductor should be placed as close as
possible to the switch pin to minimize the
noise coupling into other circuits.
LX node copper area should be minimized
for reducing EMI.
FB node copper area should be
minimized and keep far away
from noise sources (LX pin) and
RS should be as close as
possible to FB pin.
CIN should be placed
as closed as possible
to VIN pin for good
filtering.
The COUT should be connected
directly from the output schottky
diode to ground rather than
across the WLEDs
4
2
3
5
6
1
VIN
VOUT
EN
LX
GND
FB
L
D
CIN
COUT
Figure 8. The Layout Consideration of the RT9293
Reference
Qty
Part Number
Description
Manufacture
D
1
SR26
Schottky Diode
PANJIT
CIN
1
EMK107BJ225MA-T
Capacitor, Ceramic, 2.2
µF/16V X5R Taiyo Yuden
COUT
1
GMK107BJ105KA
Capacitor, Ceramic, 1
µF/50V X5R
Taiyo Yuden
RSET
1
RC0603FR
Resistor 15
Ω, 1%
YAGEO
L
1
NR4018T220M
Inductor, 22
µH
Taiyo Yuden
Table 1. Recommended Components for Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com