Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6432B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U6432B
Description  Low-power Flasher IC with 18-mOHM Shunt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6432B Datasheet(HTML) 2 Page - ATMEL Corporation

  U6432B_06 Datasheet HTML 1Page - ATMEL Corporation U6432B_06 Datasheet HTML 2Page - ATMEL Corporation U6432B_06 Datasheet HTML 3Page - ATMEL Corporation U6432B_06 Datasheet HTML 4Page - ATMEL Corporation U6432B_06 Datasheet HTML 5Page - ATMEL Corporation U6432B_06 Datasheet HTML 6Page - ATMEL Corporation U6432B_06 Datasheet HTML 7Page - ATMEL Corporation U6432B_06 Datasheet HTML 8Page - ATMEL Corporation U6432B_06 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
4725C–AUTO–10/06
U6432B
2.
Block Diagram
Figure 2-1.
Car Flasher Application
V
S-57 mV
V
S-57 mV
G
4
G
2
G
1
+
-
+
-
+
-
K1
K3
K2
G
5
G
3
T
1
D
2
6.2 V
D
1
2
V
S
81
7
3
21 V
V
S-6 V
6
4
5
4.7 µF
R
1
V
S
82 k
Ω
V
S
49 a
10 µF
1.2 k
Ω
R
2
Shunt
R
3
18 m
Ω
R
4
5.1 k
Ω
470
Ω
R
6
P
L >1 W
T
2
C
1
C
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com