Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM431GDCS Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM431GDCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431GDCS Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM431GDCS Datasheet HTML 3Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 4Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 5Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 6Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 7Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 8Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 9Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 10Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev.1.4
Champion Microelectronic Corporation
Page 7
APPLICATION INFORMATION
V
B
OB = (1 + R1/R2) × VBREF
Note: R should provide 1mA cathode current to the
CM431 of minimum V
B
BATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With Temperature
compensated threshold.
V
B
OB = (1 + R1/R2) × VBREF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
V
B
BATTB
R1
0.1%
V
B
REFB
V
B
onB ≈ 2V
V
B
off B≈ VBBATTB
GND
V
B
thB = 2.5V
Input
V
B
OB
V
B
BATTB
R2
0.1%
V
B
OB
R*
R1
R2
V
B
BATTB
CM431
CM431
CM431
CM431
V
B
BATTB
R1
R2
C
V
B
OB
V
B
OB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com