Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTSC13L/1 Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # BTSC13L/1
Description  Appliance Outlet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

BTSC13L/1 Datasheet(HTML) 1 Page - Burland Technology Solutions

  BTSC13L/1 Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Appliance Outlet
Type BTSC13L/1
Snap-in mounting from front
Solder terminal or quick connect
from single terminal
Protection Class 1
Integral plug retention feature
Technical Data
• Rated current/voltage 10A /250 VAC
• Insulation resistance
 10MΩ (500 VDC, 1 Min.)
• Dielectric Strength: 2KV (50 Hz, 1 Min.) to
accessible surfaces
• Material: Socket – Thermoplastic, black,
UL94V-0
APPLIANCE COUPLERS
www.burland.com
BTSC13L/1
Standards
IEC/EN 60320-2-2/F
Approvals
ENEC
(10 A/250VAC)
ETLus (15 A/250VAC)
Dimensional Data & Panel Preparation
Part Ref
Description
Terminal Type
BTSC13L/1B
Black IEC320 Snap in 1.5mm Panel Thickness
Quick Connect/Solder 6.3 x 0.8 mm
BTSC13L/1W
White IEC320 Snap in 1.5mm Panel Thickness
Quick Connect/Solder 6.3 x 0.8 mm


Similar Part No. - BTSC13L/1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
BTS MSYSTEM-BTS Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
logo
Infineon Technologies A...
BTS 3256D INFINEON-BTS 3256D Datasheet
1Mb / 20P
Smart Low Side Power Switch
Rev. 1.0, 2009-05-05
logo
M-System Co.,Ltd.
BTS-0 MSYSTEM-BTS-0 Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BTS-0/BL MSYSTEM-BTS-0/BL Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BTS-0/Q MSYSTEM-BTS-0/Q Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
More results

Similar Description - BTSC13L/1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5081 SCHURTER-5081 Datasheet
315Kb / 2P
IEC Appliance Outlet D, Inlay Mounting, Solder Terminal
6650 SCHURTER-6650 Datasheet
325Kb / 2P
IEC Appliance Outlet F, mates to Felcom
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
IEC Appliance Inlet C14 with Appliance Outlet F
6650 SCHURTER-6650_18 Datasheet
195Kb / 3P
IEC Appliance Outlet F, mates to Felcom
logo
Neutrik AG
NAC3FPX-ST-TOP NEUTRIK-NAC3FPX-ST-TOP Datasheet
85Kb / 2P
Appliance outlet connector, screw terminals
logo
Schurter Inc.
6650 SCHURTER-6650_V01 Datasheet
195Kb / 3P
IEC Appliance Outlet F, mates to Felcom
P675PC SCHURTER-P675PC_V01 Datasheet
289Kb / 2P
IEC Appliance Outlet F, 70째C
28.02.2013
6650 SCHURTER-6650_V02 Datasheet
195Kb / 3P
IEC Appliance Outlet F, mates to Felcom
05.01.2022
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
logo
DONG IL TECHNOLOGY LTD.
DAC-17 DIT-DAC-17 Datasheet
594Kb / 1P
APPLIANCE OUTLET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com