Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T41060 Datasheet(PDF) 4 Page - STMicroelectronics

Part # T41060
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T41060 Datasheet(HTML) 4 Page - STMicroelectronics

  T41060 Datasheet HTML 1Page - STMicroelectronics T41060 Datasheet HTML 2Page - STMicroelectronics T41060 Datasheet HTML 3Page - STMicroelectronics T41060 Datasheet HTML 4Page - STMicroelectronics T41060 Datasheet HTML 5Page - STMicroelectronics T41060 Datasheet HTML 6Page - STMicroelectronics T41060 Datasheet HTML 7Page - STMicroelectronics T41060 Datasheet HTML 8Page - STMicroelectronics T41060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
T4 series
4/15
DocID7699 Rev 9
Figure 1. Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2. RMS on-state current versus case
temperature (full cycle)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
P(W)
I
(A)
T(RMS)
Figure 3. RMS on-state current versus ambient
temperature (printed circuit board FR4, copper
thickness: 35µm) (full cycle)
Figure 4. Relative variation of thermal
impedance versus pulse duration
Figure 5. On-state characteristics
(maximum values)
Figure 6. Surge peak on-state current versus
number of cycles
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
30.0
I
(A)
TM
V
(V)
TM
T max.
V = 0.90V
R = 120 m
j
to
d
Ω
T=
j
T max.
j
T = 25°C
j
.
1
10
100
1000
0
5
10
15
20
25
30
35
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =110°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com