Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405-600B Datasheet(PDF) 1 Page - STMicroelectronics

Part # T405-600B
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600B Datasheet(HTML) 1 Page - STMicroelectronics

  T405-600B Datasheet HTML 1Page - STMicroelectronics T405-600B Datasheet HTML 2Page - STMicroelectronics T405-600B Datasheet HTML 3Page - STMicroelectronics T405-600B Datasheet HTML 4Page - STMicroelectronics T405-600B Datasheet HTML 5Page - STMicroelectronics T405-600B Datasheet HTML 6Page - STMicroelectronics T405-600B Datasheet HTML 7Page - STMicroelectronics T405-600B Datasheet HTML 8Page - STMicroelectronics T405-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
November 2016
DocID7699 Rev 9
1/15
15
T4 series
4 A Triacs
Datasheet
 production data
Features
 Three quadrants Triac
 600 to 800 V V
DRM/VRRM
Applications
 General purpose AC inductive loads
 Motor control circuits
 Small home appliances
Description
Based on ST’s Snubberless / logic level
technology providing high commutation
performances, the T4 series is suitable for use on
AC inductive loads. They are recommended for
applications using universal motors, electro
valves, kitchen aid equipments, power tools, and
dishwashers.
.
Table 1. Main characteristics
Symbol
Value
Unit
IT(rms)
4A
VDRM, VRRM
600 to 800
V
IGT
5 to 35
mA
Table 2. Device summary
Symbol(1)
1.
xxx = Voltage: 600 V, 700 V or 800 V (see Table 10).
Marking
T405-xxxB
see Table 11
T405-xxxB-TR
T405-xxxH
T405-xxxT
T410-xxxB
T410-xxxB-TR
T410-xxxH
T410-xxxT
T435-xxxB
T435-xxxB-TR
T435-xxxH
T435-xxxT
www.st.com


Similar Part No. - T405-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405-600B STMICROELECTRONICS-T405-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T405-600B STMICROELECTRONICS-T405-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T405-600B JIEJIE-T405-600B Datasheet
662Kb / 6P
4A TRIACs
logo
Inchange Semiconductor ...
T405-600B ISC-T405-600B Datasheet
207Kb / 1P
isc Thyristors
logo
STMicroelectronics
T405-600B STMICROELECTRONICS-T405-600B Datasheet
119Kb / 10P
4A TRIACS
25-Mar-2005
More results

Similar Description - T405-600B

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
Internally Triggered Triacs (4 A to 15 A)
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
10-A SILICON TRIACS
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
YENYO TECHNOLOGY Co., L...
BT04 YENYO-BT04 Datasheet
189Kb / 5P
4-Quardrant Triacs
BT08 YENYO-BT08 Datasheet
209Kb / 5P
4-Quardrant Triacs
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
4 A Triacs
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
4 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com