Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T410-600B Datasheet(PDF) 3 Page - STMicroelectronics

Part # T410-600B
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410-600B Datasheet(HTML) 3 Page - STMicroelectronics

  T410-600B Datasheet HTML 1Page - STMicroelectronics T410-600B Datasheet HTML 2Page - STMicroelectronics T410-600B Datasheet HTML 3Page - STMicroelectronics T410-600B Datasheet HTML 4Page - STMicroelectronics T410-600B Datasheet HTML 5Page - STMicroelectronics T410-600B Datasheet HTML 6Page - STMicroelectronics T410-600B Datasheet HTML 7Page - STMicroelectronics T410-600B Datasheet HTML 8Page - STMicroelectronics T410-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID7699 Rev 9
3/15
T4 series
Characteristics
Table 5. Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
1.
For both polarities of A2 referenced to A1
ITM = 5.5 A, tp = 380 µs
Tj = 25 °C
Max.
1.56
V
Vt0
(1)
Threshold voltage
Tj = 125 °C
Max.
0.89
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
Max.
120
m
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
Max.
5µA
Tj = 125 °C
1
mA
Table 6. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
IPAK, DPAK,TO-220AB
2.6
°C/W
Rth(j-a)
Junction to ambient
S(1) = 0.5 cm²
1.
S = Copper surface under tab.
DPAK
70
°C/W
Junction to ambient
TO-220AB
60
°C/W
IPAK
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com