Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL4012 Datasheet(PDF) 4 Page - XLSEMI

Part # XL4012
Description  12A 300KHz 32V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL4012 Datasheet(HTML) 4 Page - XLSEMI

  XL4012 Datasheet HTML 1Page - XLSEMI XL4012 Datasheet HTML 2Page - XLSEMI XL4012 Datasheet HTML 3Page - XLSEMI XL4012 Datasheet HTML 4Page - XLSEMI XL4012 Datasheet HTML 5Page - XLSEMI XL4012 Datasheet HTML 6Page - XLSEMI XL4012 Datasheet HTML 7Page - XLSEMI XL4012 Datasheet HTML 8Page - XLSEMI XL4012 Datasheet HTML 9Page - XLSEMI  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet
12A 300KHz 32V Buck DC to DC Converter
XL4012
Rev 2.0
www.xlsemi.com
4
Ordering Information
Part Number
Marking ID
Lead Free
Lead Free
Packing Type
Package
Temperature
Range
XL4012E1
XL4012E1
Tube
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 35
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO220)
(Junction to Ambient, No Heatsink, Free Air)
RJA
30
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
昆山东森微电子有限公司
电话:0512-50710709
传真:0512-50111209
www.ksmcu.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com