Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88823VKGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88823VKGTR
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88823VKGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88823VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY88883V
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
DETAILED DESCRIPTION
The SY88883V low-power limiting post amplifier operates
from a single +3.3V or +5V power supply, over temperatures
from –40
°C to +85°C. Signals with data rates up to 3.2Gbps
and as small as 10mVPP can be amplified. Figure 1 shows
the allowed input voltage swing. The SY88883V generates
an SD output. SD
LVL sets the sensitivity of the input
amplitude detection.
Input Amplifier/Buffer
The SY88883V’s inputs are internally terminated with 50
Ω
to an internal reference voltage (V
REF). VREF is typically
1.3V below V
CC. Unless not affected by this internal
termination scheme, upstream devices need to be
AC-coupled to the SY88883V’s inputs. Figure 2 shows a
simplified schematic of the input stage.
The high-sensitivity of the input amplifier allows signals
as small as 10mVPP to be detected and amplified. The
input amplifier allows input signals as large as 1800mVPP.
Input signals are linearly amplified with a typically 38dB
differential voltage gain. Since it is a limiting amplifier, the
SY88883V outputs typically 800mVPP voltage-limited
waveforms for input signals that are greater than 10mVPP.
Applications requiring the SY88883V to operate with high-
gain should have the upstream TIA placed as close as
possible to the SY88883V’s input pins to ensure the best
performance of the device.
Output Buffer
The SY88883V’s CML output buffer is designed to drive
50
Ω lines. The output buffer requires appropriate termination
for proper operation. An external 50
Ω resistor to V
CC or
equivalent for each output pin provides this. Figure 3 shows
a simplified schematic of the output stage and includes an
appropriate termination method. Of course, driving a
downstream device with a CML input that is internally
terminated with 50
Ω to V
CC eliminates the need for external
termination. As noted in the previous section, the amplifier
outputs typically 800mVPP waveforms across 25Ω total
loads. The output buffer, thus, switches typically 16mA tail-
current. Figure 4 shows the power supply current
measurement which excludes the 16mA tail-current.
Signal Detect
The SY88883V generates a chatter-free signal detect
(SD) open-collector TTL output with internal 5k
Ω pull-up
resistor as shown in Figure 5. SD is used to determine that
the input amplitude large enough to be considered a valid
input. SD asserts high if the input amplitude rises above the
threshold set by SD
LVL and deasserts low otherwise.
Typically 4.6dB SD hysteresis is provided to prevent
chattering.
Signal Detect-Level Set
A programmable signal detect-level set pin (SD
LVL) sets
the threshold of the input amplitude detection. Connecting
an external resistor between V
CC and SDLVL sets the voltage
at SD
LVL. This voltage ranges from VCC to VREF. The
external resistor creates a voltage divider between V
CC and
V
REF as shown in Figure 6. If desired, an appropriate
external voltage may be applied rather than using a resistor.
The smaller the external resistor, implying a smaller voltage
difference from SD
LVL to VCC, lowers the SD sensitivity.
Hence, larger input amplitude is required to assert SD.
“Typical Operating Characteristics” shows the relationship
between the input amplitude detection sensitivity and the
SD
LVL setting resistor.
Hysteresis
The SY88883V provides typically 4.6dB SD electrical
hysteresis. By definition, a power ratio measured in dB is
10log(power ratio). Power is calculated as V2
IN/R for an
electrical signal. Hence, the same ratio can be stated as
20log(voltage ratio). While in linear mode, the electrical
voltage input changes linearly with the optical power and,
hence, the ratios change linearly. Therefore, the optical
hysteresis in dB is half the electrical hysteresis in dB given
in the data sheet. The SY88883V provides typically 2.3dB
SD optical hysteresis. As the SY88883V is an electrical
device, this data sheet refers to hysteresis in electrical terms.
With 4.6dB SD hysteresis, a voltage factor of 1.7 is required
to assert SD from its deassert level.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com