Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3311 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 17Page - Texas Instruments AMC3311 Datasheet HTML 18Page - Texas Instruments AMC3311 Datasheet HTML 19Page - Texas Instruments AMC3311 Datasheet HTML 20Page - Texas Instruments AMC3311 Datasheet HTML 21Page - Texas Instruments AMC3311 Datasheet HTML 22Page - Texas Instruments AMC3311 Datasheet HTML 23Page - Texas Instruments AMC3311 Datasheet HTML 24Page - Texas Instruments AMC3311 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
7.3.4 Isolated DC/DC Converter
The AMC3311 offers a fully integrated isolated DC/DC converter that includes the following components
illustrated in the Functional Block Diagram:
• Low-dropout regulator (LDO) on the low-side to stabilize the supply voltage VDD that drives the low-side of
the DC/DC converter
• Low-side full-bridge inverter and drivers
• Laminate-based, air-core transformer for high immunity to magnetic fields
• High-side full-bridge rectifier
• High-side LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path
The DC/DC converter uses a spread-spectrum clock generation technique to reduce the spectral density of
the electromagnetic radiation. The resonator frequency is synchronous to the operation of the ΔΣ modulator to
minimize interference with data transmission and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3311 and can
source up to IH, as specified in the Electrical Characteristics table, of additional current for an optional auxiliary
circuit such as an active filter, preamplifier, or a high-speed isolated comparator such as an AMC23C11.
7.3.5 Diagnostic Output and Fail-Safe Behavior
The open-drain DIAG pin can be monitored to confirm the device is operational and the output voltage is valid.
During power-up, the DIAG pin is actively held low until the high-side supply is in regulation and the device
operates properly. The DIAG pin is actively pulled low if:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the
high-side). The amplifier outputs are driven to negative full-scale.
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below the respective undervoltage detection thresholds VDCDCUV and VHLDOUV, as specified in the Electrical
Characteristics table. In this case, the low-side can still receive data from the high-side but the data can
possibly be invalid. The amplifier outputs are driven to negative full-scale.
During normal operation, the DIAG pin is in a high-impedance state. Connect the DIAG pin to a pullup supply
through a resistor or leave open if not used.
7.4 Device Functional Modes
The AMC3311 is operational when the power supply VDD is applied, as specified in the Recommended
Operating Conditions table.
www.ti.com
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com