Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP651LE Datasheet(PDF) 13 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP651LE Datasheet HTML 9Page - Texas Instruments DLP651LE Datasheet HTML 10Page - Texas Instruments DLP651LE Datasheet HTML 11Page - Texas Instruments DLP651LE Datasheet HTML 12Page - Texas Instruments DLP651LE Datasheet HTML 13Page - Texas Instruments DLP651LE Datasheet HTML 14Page - Texas Instruments DLP651LE Datasheet HTML 15Page - Texas Instruments DLP651LE Datasheet HTML 16Page - Texas Instruments DLP651LE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
fSCPCLK = 1 / tC
SCPCLK falling–edge capture for SCPDI.
SCPDI
SCPDO
tSCP_PD
50%
tSCP_DS
tSCP_DH
SCPCLK
SCPENZ
tSCP_NEG_ENZ
50%
50%
50%
50%
tSCP_POS_ENZ
50%
50%
50%
50%
DI
DO
tC
SCPCLK rising–edge launch for SCPDO.
Figure 6-3. SCP Timing Requirements
See Recommended Operating Conditions for fSCPCLK, tSCP_DS, tSCP_DH, and tSCP_PD specifications.
See Recommended Operating Conditions for tr and tf specifications and conditions.
0.0 * VCC
1.0 * VCC
tf
tr
1.0 * VID
0.0 * VID
VCM
tf
tr
LVDS Interface
SCP Interface
Not to scale.
Refer to the Timing Requirements.
Refer to the Pin Functions for list of LVDS pins and SCP pins.
Figure 6-4. Rise Time and Fall Time
www.ti.com
DLP651LE
DLPS153 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLP651LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com