Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32IDE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32IDE4
Description  AM26C32 Quadruple Differential Line Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32IDE4 Datasheet(HTML) 1 Page - Texas Instruments

  AM26C32IDE4 Datasheet HTML 1Page - Texas Instruments AM26C32IDE4 Datasheet HTML 2Page - Texas Instruments AM26C32IDE4 Datasheet HTML 3Page - Texas Instruments AM26C32IDE4 Datasheet HTML 4Page - Texas Instruments AM26C32IDE4 Datasheet HTML 5Page - Texas Instruments AM26C32IDE4 Datasheet HTML 6Page - Texas Instruments AM26C32IDE4 Datasheet HTML 7Page - Texas Instruments AM26C32IDE4 Datasheet HTML 8Page - Texas Instruments AM26C32IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
AM26C32 Quadruple Differential Line Receiver
1 Features
• Meets or exceeds the requirements of
ANSI TIA/EIA-422-B, TIA/EIA-423-B, and ITU
recommendation V.10 and V.11
• Low power, ICC = 10 mA typical
• ±7-V Common-mode range with ±200-mV
sensitivity
• Input hysteresis: 60 mV typical
• tpd = 17 ns typical
• Operates from a single 5-V supply
• 3-State outputs
• Input fail-safe circuitry
• Improved replacements for AM26LS32 device
• Available in Q-temp automotive
2 Applications
• High-reliability automotive applications
• Factory automation
• ATM and cash counters
• Smart grid
• AC and servo motor drives
3 Description
The AM26C32 device is a quadruple differential
line receiver for balanced or unbalanced digital
data transmission. The enable function is common
to all four receivers and offers a choice of active-
high or active-low input. The 3-state outputs permit
connection directly to a bus-organized system. Fail-
safe design specifies that if the inputs are open,
the outputs always are high. The AM26C32 devices
are manufactured using a BiCMOS process, which
is a combination of bipolar and CMOS transistors.
This process provides the high voltage and current
of bipolar with the low power of CMOS to reduce
the power consumption to about one-fifth that of the
standard AM26LS32, while maintaining AC and DC
performance.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AM26C32
PDIP (N, 16)
19.3 mm × 9.4 mm
SO (NS, 16)
10.2 mm × 7.8 mm
SOIC (D, 16)
9.9 mm × 6 mm
SSOP (DB, 16)
6.2mm × 7.8mm
TSSOP (PW, 16)
5 mm × 6.4 mm
CDIP (J, 16)
mm × 6.92 mm
CFP (W, 16)
10.3 mm × 6.73 mm
LCCC (FK, 20)
8.90 mm × 8.90 mm
(1)
For more Information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
4Y
3Y
2Y
1Y
4B
4A
3B
3A
2B
2A
1B
1A
G
G
4
12
2
1
6
7
10
9
14
15
3
5
11
13
Simplified Schematic
AM26C32, AM26C32C, AM26C32M, AM26C32I
SLLS104M – DECEMBER 1990 – REVISED OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM26C32IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32IDE4 TI-AM26C32IDE4 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32IDE4 TI-AM26C32IDE4 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32IDE4 TI-AM26C32IDE4 Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32IDE4 TI1-AM26C32IDE4 Datasheet
1Mb / 30P
AM26C32 Quadruple Differential Line Receiver
AM26C32IDE4 TI1-AM26C32IDE4 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
More results

Similar Description - AM26C32IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_15 Datasheet
1Mb / 30P
AM26C32 Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
AM26C32 TI1-AM26C32_V01 Datasheet
1Mb / 36P
AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com