Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3840PL43DBVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3840PL43DBVR
Description  TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3840PL43DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS3840PL43DBVR Datasheet HTML 14Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 15Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 16Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 17Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 18Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 19Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 20Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 21Page - Texas Instruments TPS3840PL43DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
VIT+
tP_HL
VHYS
tD
VIT+
VHYS
VIT-
tMR_tD
VMR_L
tMR_RES
tMR_PW
Reset not asserted
Pulse width less than
tMR_PW
RESET
MR
VDD
VMR_H
VIT-
18
TPS3840
SNVSB03D – DECEMBER 2018 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: TPS3840
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Feature Description (continued)
The recommended maximum delay capacitor for the TPS3840 is limited to 10 µF as this ensures there is enough
time for the capacitor to fully discharge when the reset condition occurs. When a voltage fault occurs, the
previously charged up capacitor discharges, and if the monitored voltage returns from the fault condition before
the delay capacitor discharges completely, the delay capacitor will begin charging from a voltage above zero
volts and the reset delay will be shorter than expected. Larger delay capacitors can be used so long as the
capacitor has enough time to fully discharge during the duration of the voltage fault.
8.3.3 Manual Reset (MR) Input
The manual reset (MR) input allows a processor GPIO or other logic circuits to initiate a reset. A logic low on MR
with pulse duration longer than tMR_RES will causes reset output to assert. After MR returns to a logic high (VMR_H)
and VDD is above VIT+, reset is deasserted after the user programmed reset time delay (tD) expires.
If MR is not controlled externally, then MR can be left disconnected. If the logic signal controlling MR is less than
VDD, then additional current flows from VDD into MR internally. For minimum current consumption, drive MR to
either VDD or GND. VMR should not be higher than VDD voltage.
Figure 47. Timing Diagram MR and RESET (TPS3840DL)
8.3.4 Output Logic
8.3.4.1 RESET Output, Active-Low
RESET (Active-Low) applies to TPS3840DL (Open-Drain) and TPS3840PL (Push-Pull) hence the "L" in the
device name. RESET remains high (deasserted) as long as VDD is above the negative threshold (VIT-) and the
MR pin is floating or above VMR_H. If VDD falls below the negative threshold (VIT-) or if MR is driven low, then
RESET is asserted.
When MR is again logic high or floating and VDD rise above VIT+, the delay circuit will hold RESET low for the
specified reset time delay (tD). When the reset time delay has elapsed, the RESET pin goes back to logic high
voltage (VOH).
The TPS3840DL (Open-Drain) version, denoted with "D" in the device name, requires a pull-up resistor to hold
RESET pin high. Connect the pull-up resistor to the desired pull-up voltage source and RESET can be pulled up
to any voltage up to 10 V independent of the VDD voltage. To ensure proper voltage levels, give some
consideration when choosing the pull-up resistor values. The pull-up resistor value determines the actual VOL, the
output capacitive loading, and the output leakage current (ILKG(OD)).
The Push-Pull variants (TPS3840PL and TPS3840PH), denoted with "P" in the device name, does not require a
pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com