Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM3418 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM3418
Description  ATSC/NTSC/QAM DIGITAL CABLE READY DTV RECEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3418 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM3418 Datasheet HTML 1Page - Broadcom Corporation. BCM3418 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OVERVIEW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
3520-PB05-R
10/23/06
Broadcom®, the pulse logo, QAMLink® , Connecting everything®, and the Connecting everything logo
are among the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other
countries and/or the EU. Any other trademarks or trade names mentioned are the property of their
respective owners.
BCM3520 Block Diagram
The BCM3520 is a ATSC/NTSC/QAM Digital Cable Ready DTV
receiver that contains a digital receiver that is compatible with both
North American digital cable television and digital terrestrial broadcast
television standards. This receiver is capable of receiving all standard-
definition and high-definition digital formats (SDTV/HDTV). It also
contains an IF demodulator compatible with the NTSC video standard.
The output of the IF demodulator can be directed to an external BTSC or
Zweiton M decoder, or can be sent to an on-chip audio decoder. The on-
chip audio decoder is fully compliant with the BTSC audio standard. An
out-of-band QPSK receiver is also contained to meet the needs of the
CableCard specification.
The BCM3520’s digital receiver and NTSC demodulator accepts an
analog signal centered at the standard television IF frequencies, and
amplifies and digitizes this signal with an integrated programmable gain
amplifier and 12-bit A/D converter. The output of the A/D is sent to the
receiver and demodulator. The digital receiver consists of a QAM
demodulator and a VSB demodulator. Each demodulator contains
adaptive filters that remove multi-path propagation effects, NTSC co-
channel interference, and RFI interference. The output of the VSB
demodulator goes to an ATSC A/53 coding forward error corrector
(FEC), with integrated trellis and Reed-Solomon decoder. The output of
the QAM demodulator goes to an ITU-T J.83 Annex A/B/C coding FEC.
The output of either QAM or VSB FEC is delivered in either parallel or
serial MPEG-2 transport format. The NTSC demodulator filters and
demodulates the analog NTSC and FM audio signals and delivers a
composite output via an on-chip 10-bit DAC. An IF modulated audio
output is also provided via a second on-chip 10-bit DAC. An on-chip
BTSC decoder handles the decoding of the base-band multiplexed audio
from the IF demod, providing an stereo left/right, mono, or SAP output
via a pair of high precision HiFiDACs.
All gain, clock, and carrier, acquisition, and tracking loops are integrated
on-chip as are the necessary phase-locked loops, referenced to a single
external crystal.
Chip configuration, channel acquisition, and performance monitoring
functions are conducted by the on-chip acquisition processor using
Broadcom-provided software.
EIA/CEA-909
Interface
JTAG
Interface
HiFi DAC
Master
PLL
Output
Interface
BTSC
Decoder
10-Bit D/A
HAB
10-Bit D/A
BSC Master
Interface
OOB AFE
PGA
6-Bit A/D
AGC Control
VCO
In-Band AFE
PGA
12-Bit A/D
AGC Control
GPIO/GPO
Interface
16-1024 QAM
Advanced Receiver
ITU-T J.83
Annexes A/B/C FEC
ATSC FEC
ATSC 8/16 VSB
Advanced Receiver
BSC/SPI Slave
Interface
Acquisition
Processor
BSC/SPI Host Interface
In-Band Tuner
Interrupt
54-MHz 3rd Overtone Crystal
MPEG Transport
Composite NTSC
IF Audio
I2S
L/R Audio or Multiplexed
Baseband Audio
OOB Transport for
CableCard/POD
In-Band AGC
In-Band AFT
OOB Tuner
OOB AGC
OOB VCO
Internal Bus
To All Blocks
Tuner/Peripheral
Control
GPIO
GPO
Antenna
Control
JTAG
Controller
BCM3520
NTSC IF
DEMODULATOR
DVS-167 FEC
DVS-178 FEC
OOB Output
Interface
OOB QPSK
Receiver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com