Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88905 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88905
Description  LASER DIODE CONTROLLER WITH APC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88905 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88905 Datasheet HTML 1Page - Micrel Semiconductor SY88905 Datasheet HTML 2Page - Micrel Semiconductor SY88905 Datasheet HTML 3Page - Micrel Semiconductor SY88905 Datasheet HTML 4Page - Micrel Semiconductor SY88905 Datasheet HTML 5Page - Micrel Semiconductor SY88905 Datasheet HTML 6Page - Micrel Semiconductor SY88905 Datasheet HTML 7Page - Micrel Semiconductor SY88905 Datasheet HTML 8Page - Micrel Semiconductor SY88905 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SY88905
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
PIN NAMES
Pin
Type
Description
VCC
Power
Positive Power supply
GND
Power
Ground
LOSIN
TTL Input
Loss-of-Signal Input from SY88903
VREF
Analog Output
Reference Voltage
IPIN SET
Analog Input
Adjustable, Resistor to VREF sets Monitor Diode Photo Current Reference
LOSOUT
PECL Output
Loss-of-Signal PECL output
IBIASFB
Analog Output
Monitor Diode Feedback
IBIASSET
Analog Input
Adjustable, Resistor to VREF sets the DC bias current for the Laser Diode
MD
Analog Input
Monitor Diode Connection
IBIAS
Analog Input
DC bias current for the Laser Diode
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88905KC
K10-1
Commercial
905
Sn-Pb
SY88905KCTR(1)
K10-1
Commercial
905
Sn-Pb
SY88905KH
K10-1
Commercial
905 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88905KHTR(1)
K10-1
Commercial
905 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
1
LOSIN
LOSOUT
GND
IBIAS
VCC
10 VREF
IBIAS SET
IBIAS FB
IPIN SET
MD
9
8
7
6
2
3
4
5
MSOP
K10-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com