Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4223CZ6 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # IP4223CZ6
Description  Dual USB 2.0 integrated ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4223CZ6 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  IP4223CZ6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IP4223CZ6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 17 October 2011
4 of 9
NXP Semiconductors
IP4223CZ6
Dual USB 2.0 integrated ESD protection
9.
Package outline
Fig 2.
Package outline SOT457 (SC-74)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com