Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5384 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5384
Description  4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5384 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5384 Datasheet HTML 1Page - Broadcom Corporation. BCM5384 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5384
®
4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
4 Gigabit Ethernet Ports for SOHO and Subnetwork Applications
• Highest silicon integration level achieved for an 4-port, 10/100/1000
Ethernet switch device
• Seventh-generation switch on a chip
• Integrates:
Four 10/100/1000 transceivers (802.3ab compliant)
Four MACs (802.x compliant) with support for 9 Kbyte Jumbo Frames
Nonblocking four Gigabit Ethernet fully integrated switch fabric
SPI Interface for easy setup and smart unmanaged operation
• Classifies packets using four 802.1p QoS or DiffServ/TOS priority
queues
• VLAN 4k 802.1Q or port-based supported
• Supports up to 8k unicast MAC addresses
• Supports MAC-based port aggregation (trunking)
• Flow control: full-duplex (802.3x) and half-duplex options supported
• Supports automatic address learning and aging
• Internal oscillator circuit
• Low power 0.13 µm 1.2 V CMOS core: <3.5W Pd.
• Fanless operation supported
• Integrated voltage regulator for simplified power supply design
• 324-pin FBGA package (small form factor 19 mm x 19 mm)
• Industry-first single-chip solution for four Gigabit Ethernet.
• Enables a new generation of lower-cost switches with Gigabit
connectivity and much smaller form factors.
• Uses field-proven industry-standard 10/100/1000BASE-T
transceivers-lowers overall system interoperability and reliability
risks.
• Provides the most cost effective Gigabit Ethernet connectivity to the
desktop for all remote, branch, and home office needs.
• 802.1Q tag VLAN, trunking, and 802.1p priority enables the switch to
be designed into a wide variety of applications from unmanaged to
smart switch.
• Jumbo frame support allows the device to be connected to corporate
server farms and networks while maintaining maximum TCP/IP
performance.
• CPUs are not required to initialize and run in cost-sensitive
unmanaged applications, providing true Plug and Play connectivity.
• Internal oscillator circuit simplifies design and reduces overall system
cost.
• On-chip HP auto-MDI/MDIX on all transceivers automatically detects
and corrects for crossover cables and allows direct switch-to-switch
connection.
• Lowest possible system cost through minimized number of
components.
• Higher system reliability and noise reduction due to elimination of
component with lowest MTBF (the fan).
FE A T UR E S
S U MM ARY O F BE N E F I T S
Cable/DSL/Wireless
Router
Printer
IP Phones


Similar Part No. - BCM5384

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5384 BOARDCOM-BCM5384 Datasheet
215Kb / 1P
4GE PORT SWITCH WITH INTERGRATED GE COPPER PHY
More results

Similar Description - BCM5384

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5384 BOARDCOM-BCM5384 Datasheet
215Kb / 1P
4GE PORT SWITCH WITH INTERGRATED GE COPPER PHY
BCM5385 BOARDCOM-BCM5385 Datasheet
211Kb / 2P
5GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5389 BOARDCOM-BCM5389 Datasheet
313Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396 BOARDCOM-BCM5396 Datasheet
470Kb / 2P
16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5388 BOARDCOM-BCM5388_04 Datasheet
250Kb / 2P
8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5389KFBG BOARDCOM-BCM5389KFBG Datasheet
314Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389IFBG BOARDCOM-BCM5389IFBG Datasheet
314Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396KFBG BOARDCOM-BCM5396KFBG Datasheet
471Kb / 2P
16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5388KPB BOARDCOM-BCM5388KPB Datasheet
251Kb / 2P
8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com